Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM272D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM272D
Description  DUAL POWER OPERATIONAL AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM272D Datasheet(HTML) 1 Page - STMicroelectronics

  LM272D Datasheet HTML 1Page - STMicroelectronics LM272D Datasheet HTML 2Page - STMicroelectronics LM272D Datasheet HTML 3Page - STMicroelectronics LM272D Datasheet HTML 4Page - STMicroelectronics LM272D Datasheet HTML 5Page - STMicroelectronics LM272D Datasheet HTML 6Page - STMicroelectronics LM272D Datasheet HTML 7Page - STMicroelectronics LM272D Datasheet HTML 8Page - STMicroelectronics LM272D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
L272
January 1995
DUAL POWER OPERATIONAL AMPLIFIERS
.
OUTPUT CURRENT TO 1 A
.
OPERATES AT LOW VOLTAGES
.
SINGLE OR SPLIT SUPPLY
.
LARGE COMMON-MODE AND DIFFEREN-
TIAL MODE RANGE
.
GROUND COMPATIBLE INPUTS
.
LOW SATURATION VOLTAGE
.
THERMAL SHUTDOWN
DESCRIPTION
The L272 is a monolithic integrated circuits in Pow-
erdip, Minidip and SO packages intended for use as
power operational amplifiers in a wide range of ap-
plications including servo amplifiers and power sup-
plies, compacts disc, VCR, etc.
The high gain and high output power capability pro-
vide superior performance whatever an operational
amplifier/power booster combination is required.
Powerdip
(8 + 8)
Minidip
ORDERING NUMBERS : L272 (Powerdip)
L272M (Minidip)
L272D (SO16 Narrow)
PIN CONNECTIONS (top view)
SO16 (Narrow)
L272D
L272M
1/10


Similar Part No. - LM272D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720M NSC-LM2720M Datasheet
149Kb / 8P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720M NSC-LM2720M Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
   5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results

Similar Description - LM272D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
Siemens Semiconductor G...
TCA2465 SIEMENS-TCA2465 Datasheet
283Kb / 26P
   Dual Power Operational Amplifier
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
   Dual Power Operational Amplifier
logo
Toshiba Semiconductor
TA8406P TOSHIBA-TA8406P Datasheet
260Kb / 7P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8410P TOSHIBA-TA8410P Datasheet
281Kb / 8P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8464K TOSHIBA-TA8464K Datasheet
202Kb / 5P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
Motorola, Inc
TCA0372 MOTOROLA-TCA0372 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com