Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2855-TR1G Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMS-2855-TR1G
Description  Surface Mount Zero Bias Schottky Detector Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2855-TR1G Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMS-2855-TR1G Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2855-TR1G Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2855-TR1G Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2855-TR1G Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2855-TR1G Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2855-TR1G Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2855-TR1G Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2855-TR1G Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2855-TR1G Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Typical Parameters, Single Diode
Figure 1. Typical Forward Current
vs. Forward Voltage.
Figure 2. +25
°C Output Voltage vs.
Input Power at Zero Bias.
Figure 3. +25
°C Expanded Output
Voltage vs. Input Power. See Figure 2.
Figure 4. Output Voltage vs.
Temperature.
0
0.01
VF – FORWARD VOLTAGE (V)
0.8 1.0
100
1
0.1
0.2
1.8
10
1.4
0.4 0.6
1.2
1.6
-50
0.1
POWER IN (dBm)
-30
-20
10000
10
1
-40
0
100
-10
1000
RL = 100 KΩ
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
915 MHz
-50
0.3
POWER IN (dBm)
-30
10
1
-40
30
RL = 100 KΩ
915 MHz
DIODES TESTED IN FIXED-TUNED
FR4 MICROSTRIP CIRCUITS.
0
0.9
TEMPERATURE (
°C)
40 50
3.1
2.1
1.5
10
100
2.5
80
20 30
70
90
60
1.1
1.3
1.7
1.9
2.3
2.7
2.9
MEASUREMENTS MADE USING A
FR4 MICROSTRIP CIRCUIT.
FREQUENCY = 2.45 GHz
PIN = -40 dBm
RL = 100 KΩ


Similar Part No. - HSMS-2855-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2855 HP-HSMS-2855 Datasheet
153Kb / 6P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2855 AVAGO-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
More results

Similar Description - HSMS-2855-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E2200 MA-COM-MA4E2200 Datasheet
104Kb / 7P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Tyco Electronics
MA4E2200 MACOM-MA4E2200 Datasheet
141Kb / 6P
   Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com