Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M11B11664A-40J Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M11B11664A-40J
Description  64 K x 16 DRAM EDO PAGE MODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M11B11664A-40J Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M11B11664A-40J Datasheet HTML 1Page - List of Unclassifed Manufacturers M11B11664A-40J Datasheet HTML 2Page - List of Unclassifed Manufacturers M11B11664A-40J Datasheet HTML 3Page - List of Unclassifed Manufacturers M11B11664A-40J Datasheet HTML 4Page - List of Unclassifed Manufacturers M11B11664A-40J Datasheet HTML 5Page - List of Unclassifed Manufacturers M11B11664A-40J Datasheet HTML 6Page - List of Unclassifed Manufacturers M11B11664A-40J Datasheet HTML 7Page - List of Unclassifed Manufacturers M11B11664A-40J Datasheet HTML 8Page - List of Unclassifed Manufacturers M11B11664A-40J Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(OLWH07
M11B11664A
Elite Memory Technology Inc
Publication Date : Dec. 2000
Revision : 1.3
4/15
CAPACITANCE (Ta = 25 C
° , VCC = 5V ± 10%)
PARAMETER
SYMBOL
TYP
MAX
UNIT
Input Capacitance (address)
CI1
-5
pF
Input Capacitance ( RAS , CASH , CASL , WE , OE )
CI2
-7
pF
Output capacitance (I/O0~I/O15)
CI / O
-10
pF
AC ELECTRICAL CHARACTERISTICS (Ta = 0 to 70 C
° , VCC =5V ± 10%, VSS = 0V) (note 14)
Test Conditions
Input timing reference levels : 0V, 3V
Output reference level : VOL= 0.8V, VOH=2.0V
Output Load : 2TTL gate + CL (50pF)
Assumed tT = 2ns
-25
-30
-35
-40
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT Notes
Read or Write Cycle Time
tRC
43
55
65
75
ns
Read Write Cycle Time
tRWC
65
85
95
105
ns
EDO-Page-Mode Read or Write Cycle
Time
tPC
10
12
14
16
ns
22
EDO-Page-Mode Read-Write Cycle
Time
tPCM
32
37
42
47
ns
22
Access Time From RAS
tRAC
25
30
35
40
ns
4
Access Time From CAS
tCAC
8
9
10
11
ns
5,20
Access Time From OE
tOAC
8
9
10
11
ns
13,20
Access Time From Column Address
tAA
12
15
18
20
ns
Access Time From CAS Precharge
tACP
14
17
20
22
ns
20
RAS
Pulse Width
tRAS
25
10,000
30
10,000
35
10,000
40
10,000
ns
RAS
Pulse Width (EDO Page Mode)
tRASC
25 100,000 30 100,000 35 100,000 40 100,000
ns
RAS
Hold Time
tRSH
8
910
11
ns
25
RAS
Precharge Time
tRP
15
20
25
30
ns
CAS
Pulse Width
tCAS
4
10,000
5
10,000
5
10,000
6
10,000
ns
24
CAS
Hold Time
tCSH
21
26
30
35
ns
19
CAS
Precharge Time
tCP
4
4
5
5
ns
6,23
RAS
to CAS Delay Time
tRCD
10
17
10
21
10
25
10
29
ns
7,18
CAS
to RAS Precharge Time
tCRP
5
5
5
5
ns
19
Row Address Setup Time
tASR
0
000
ns
Row Address Hold Time
tRAH
5
555
ns
RAS
to Column Address Delay Time
tRAD
813
8
158
17820
ns
8
Column Address Setup Time
tASC
0
0
0
0
ns
18
Column Address Hold Time
tCAH
5
5
5
5
ns
18
Column Address Hold Time (Reference
to RAS )
tAR
22
26
30
34
ns
Column Address to RAS Lead Time
tRAL
12
15
18
20
ns


Similar Part No. - M11B11664A-40J

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11B416256A ESMT-M11B416256A Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-25J ESMT-M11B416256A-25J Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-25T ESMT-M11B416256A-25T Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-28J ESMT-M11B416256A-28J Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A-28T ESMT-M11B416256A-28T Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
More results

Similar Description - M11B11664A-40J

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M11L416256SA ESMT-M11L416256SA Datasheet
389Kb / 16P
   256 K x 16 DRAM EDO PAGE MODE
M11B416256A ESMT-M11B416256A Datasheet
375Kb / 15P
   256 K x 16 DRAM EDO PAGE MODE
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
logo
OKI electronic componet...
MSC23V26457TA OKI-MSC23V26457TA Datasheet
82Kb / 11P
   2,097,152-Word x 64-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
logo
Integrated Silicon Solu...
IS41C16100C ISSI-IS41C16100C Datasheet
615Kb / 22P
   16Mb DRAM WITH EDO PAGE MODE
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
Sanyo Semicon Device
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com