Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH211SP-7 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MACH211SP-7
Description  High-Performance EE CMOS In-System Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MACH211SP-7 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MACH211SP-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers MACH211SP-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers MACH211SP-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers MACH211SP-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers MACH211SP-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers MACH211SP-7 Datasheet HTML 11Page - List of Unclassifed Manufacturers MACH211SP-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers MACH211SP-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers MACH211SP-7 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
MACH211SP-7/10/12/15
V
ANTIS
Bus-Friendly Inputs and I/Os
The MACH211SP inputs and I/Os include two inverters in series which loop back to the input. This
double inversion reinforces the state of the input and pulls the voltage away from the input
threshold voltage. Unlike a pull-up, this configuration cannot cause contention on a bus. For an
illustration of this configuration, please turn to the Input/Output Equivalent Schematics section.
PCI Compliant
The MACH211SP-7/10/12 is fully compliant with the PCI Local Bus Specification published by the
PCI Special Interest Group. The MACH211SP-7/10/12’s predictable timing ensures compliance with
the PCI AC specifications independent of the design.
Power-Down Mode
The MACH211SP features a programmable low-power mode in which individual signal paths can
be programmed as low power. These low-power speed paths will be slightly slower than the
non-low-power paths. This feature allows speed critical paths to run at maximum frequency while
the rest of the paths operate in the low-power mode, resulting in power savings of up to 75%. If
all signals in a PAL block are low-power, then total power is reduced further.
On-Board Programming Options
Since the MACHPRO software performs these steps automatically, the following programming
options are published for reference.
The configuration file, which is also known as the chain file, defines the MACH device JTAG chain.
The file contains the information concerning which JEDEC file is to be placed into which device,
the state which the outputs should be placed, and whether the security fuses should be
programmed. The configuration file is discussed in detail in the MACHPRO software manual.
The MACH211SP devices tristate the outputs during programming. They have one security bit which
inhibits program and verify. This allows the user to protect proprietary patterns and designs.
Program verification of a MACH device involves reading back the programmed pattern and
comparing it with the original JEDEC file. The Vantis method of program verification performed
on the MACH devices permits the verification of one device at a time.
Accidental Programming or Erasure Protection
It is virtually impossible to program or erase a MACH device inadvertently. The following
conditions must be met before programming actually takes place:
x
The device must be in the password-protected program mode
x
The programming or bulk erase instruction must be in the instruction register
If the above conditions are not met, the programming circuitry cannot be activated.


Similar Part No. - MACH211SP-7

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
MACH211SP-7JC AMD-MACH211SP-7JC Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH211SP-7JC LATTICE-MACH211SP-7JC Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7VC AMD-MACH211SP-7VC Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH211SP-7VC LATTICE-MACH211SP-7VC Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
More results

Similar Description - MACH211SP-7

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
MACH1 LATTICE-MACH1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
Lattice Semiconductor
ISPMACH4ACPLDFAMILY LATTICE-ISPMACH4ACPLDFAMILY Datasheet
1Mb / 62P
   High Performance E 2 CMOS In-System Programmable Logic
MACH4 LATTICE-MACH4 Datasheet
720Kb / 46P
   High Performance E 2 CMOS In-System Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com