Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH211SP-18 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MACH211SP-18
Description  High-Performance EE CMOS In-System Programmable Logic
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MACH211SP-18 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MACH211SP-18 Datasheet HTML 2Page - List of Unclassifed Manufacturers MACH211SP-18 Datasheet HTML 3Page - List of Unclassifed Manufacturers MACH211SP-18 Datasheet HTML 4Page - List of Unclassifed Manufacturers MACH211SP-18 Datasheet HTML 5Page - List of Unclassifed Manufacturers MACH211SP-18 Datasheet HTML 6Page - List of Unclassifed Manufacturers MACH211SP-18 Datasheet HTML 7Page - List of Unclassifed Manufacturers MACH211SP-18 Datasheet HTML 8Page - List of Unclassifed Manufacturers MACH211SP-18 Datasheet HTML 9Page - List of Unclassifed Manufacturers MACH211SP-18 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
V
ANTIS
6
MACH211SP-7/10/12/15 (Com’l)
ORDERING INFORMATION
Commercial Products
Vantis programmable logic products for commercial applications are available with several ordering options. The order number
(Valid Combination) is formed by a combination of:
Valid Combinations
The Valid Combinations table lists configurations planned to
be supported in volume for this device. Consult the local Vantis
sales office to confir m availability of specific valid
combinations and to check on newly released combinations.
FAMILY TYPE
MACH = Macro Array CMOS High-Speed
MACH
211
SP
-7
J
C
DEVICE NUMBER
211 = 64 Macrocells, 44 Pins,
Power-Down mode,
Bus-Friendly Inputs and I/Os
PRODUCT DESIGNATION
SP = In-system Programmable
OPERATING CONDITIONS
C = Commercial (0
°C to +70°C)
PACKAGE TYPE
J = 44-Pin Plastic Leaded Chip
Carrier (PL 044)
V = 44-Pin Thin Quad Flat Pack
(PQT044)
SPEED
-7 = 7.5 ns tPD
-10 = 10 ns tPD
-12 = 12 ns tPD
-15 = 15 ns tPD
Valid Combinations
MACH211SP-7
JC, VC
MACH211SP-10
MACH211SP-12
MACH211SP-15


Similar Part No. - MACH211SP-18

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH211SP-18JI LATTICE-MACH211SP-18JI Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
More results

Similar Description - MACH211SP-18

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
MACH1 LATTICE-MACH1 Datasheet
1Mb / 48P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
Lattice Semiconductor
ISPMACH4ACPLDFAMILY LATTICE-ISPMACH4ACPLDFAMILY Datasheet
1Mb / 62P
   High Performance E 2 CMOS In-System Programmable Logic
MACH4 LATTICE-MACH4 Datasheet
720Kb / 46P
   High Performance E 2 CMOS In-System Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com