Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4809 Datasheet(PDF) 7 Page - Anachip Corp

Part # AP4809
Description  Stereo Headphone Amplifier With Shutdown Mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP4809 Datasheet(HTML) 7 Page - Anachip Corp

  AP4809 Datasheet HTML 1Page - Anachip Corp AP4809 Datasheet HTML 2Page - Anachip Corp AP4809 Datasheet HTML 3Page - Anachip Corp AP4809 Datasheet HTML 4Page - Anachip Corp AP4809 Datasheet HTML 5Page - Anachip Corp AP4809 Datasheet HTML 6Page - Anachip Corp AP4809 Datasheet HTML 7Page - Anachip Corp AP4809 Datasheet HTML 8Page - Anachip Corp AP4809 Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AP4809
Stereo Headphone Amplifier With Shutdown Mode
Anachip Corp
www.anachip.com.tw
Rev. 1.0 Sep 29, 2004
7/9
Package Information
(1) Package Type: SOP-8L
VIEW "A"
L
VIEW "A"
B
e
D
7 (4X)
0.015x45
7 (4X)
y
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.40
1.60
1.75
0.055
0.063
0.069
A1
0.10
-
0.25
0.040
-
0.100
A2
1.30
1.45
1.50
0.051
0.057
0.059
B
0.33
0.41
0.51
0.013
0.016
0.020
C
0.19
0.20
0.25
0.0075
0.008
0.010
D
4.80
5.05
5.30
0.189
0.199
0.209
E
3.70
3.90
4.10
0.146
0.154
0.161
e
-
1.27
-
-
0.050
-
H
5.79
5.99
6.20
0.228
0.236
0.244
L
0.38
0.71
1.27
0.015
0.028
0.050
y
-
-
0.10
-
-
0.004
θ
0
O
-
8
O
0
O
-
8
O


Similar Part No. - AP4809

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4800AGM A-POWER-AP4800AGM Datasheet
61Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP4800AGM A-POWER-AP4800AGM Datasheet
178Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4800AGM-HF A-POWER-AP4800AGM-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Low On-resistance
AP4800AGM-HF A-POWER-AP4800AGM-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP4800AGM A-POWER-AP4800AGM_07 Datasheet
178Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP4809

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL4863TS BELLING-BL4863TS Datasheet
433Kb / 11P
   Stereo headphone amplifier mode
logo
Maxim Integrated Produc...
MAX9720 MAXIM-MAX9720 Datasheet
508Kb / 21P
   50mW, DirectDrive, Stereo Headphone Amplifier with SmartSense and Shutdown
Rev 0; 4/03
MAX9725 MAXIM-MAX9725 Datasheet
425Kb / 14P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 11/04
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
MAX4411 MAXIM-MAX4411 Datasheet
623Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 1; 4/03
MAX9725 MAXIM-MAX9725_07 Datasheet
528Kb / 19P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 2; 11/07
MAX9725DETC MAXIM-MAX9725DETC Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 4; 3/09
MAX4411 MAXIM-MAX4411_V01 Datasheet
523Kb / 18P
   80mW, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-2618; Rev 2; 9/06
MAX9725 MAXIM-MAX9725_V01 Datasheet
332Kb / 17P
   1V, Low-Power, DirectDrive, Stereo Headphone Amplifier with Shutdown
19-3465; Rev 4; 3/09
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com