Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH115-S8PCB2140 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AH115-S8PCB2140
Description  1/2 Watt, High Linearity InGaP HBT Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH115-S8PCB2140 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AH115-S8PCB2140 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH115-S8PCB2140 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH115-S8PCB2140 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH115-S8PCB2140 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH115-S8PCB2140 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH115-S8PCB2140 Datasheet HTML 6Page - List of Unclassifed Manufacturers AH115-S8PCB2140 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 7
May 2005
AH115 / ECP050G
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
2140 MHz Application Circuit (AH115-S8PCB2140)
Typical RF Performance at 25
qC
CAP
ID=C1
C=22 pF
CAP
ID=C6
C=10 pF
CAP
ID=C7
C=1000 pF
CAP
ID=C3
C=100 pF
IND
ID=L1
L=18 nH
CAP
ID=C2
C=22 pF
RES
ID=R3
R=51 Ohm
CAP
ID=C5
C=1000 pF
RES
ID=R1
R=100 Ohm
RES
ID=R2
R=22 Ohm
CAP
ID=C4
C=10000000 pF
CAP
ID=C9
C=1.8 pF
TLINP
ID=FR-1
Z0=50 Ohm
L=160 mil
Eeff=3.16
Loss=0
F0=0 MHz
RES
ID=R4
R=0 Ohm
1
2
3
4
5
6
7
8
SUBCKT
NET="AH115"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
Vcc = +5 V
D1 = +5.6 V
C9 is placed at the silkscreen marker ‘3’ or center of component placed at 13 deg. @2140
MHz away from pin 6.
S21 vs. Frequency
6
8
10
12
14
16
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Frequency
-25
-20
-15
-10
-5
0
2110 2120
2130
2140
2150 2160
2170
Frequency (MHz)
+25°C
+85°C
-40°C
S22 vs. Frequency
-25
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
+85°C
-40°C
Noise Figure vs. Frequency
0
1
2
3
4
5
6
7
8
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+ 25°C
+85°C
-40°C
ACPR vs. Channel Power
3GPP W-CDMA Test Model 1+64 DPCH, ±5 MHz offset, 2140 MHz
-65
-60
-55
-50
-45
-40
-35
15
16
17
18
19
20
21
Output Channel Power (dBm)
+25°C
+85°C
-40°C
P1 dB vs. Frequency
20
22
24
26
28
30
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
+25°C
+85°C
-40°C
OIP3 vs. Frequency
+25°C, +11 dBm / tone
35
37
39
41
43
45
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
OIP3 vs. Temperature
freq. = 2140, 2141, +11 dBm / tone
35
37
39
41
43
45
-40
-15
10
35
60
85
Temperature ( °C)
OIP3 vs. Output Power
freq. = 2140, 2141 MHz, 25°C
35
37
39
41
43
45
6
8
10
12
14
16
18
20
Output Power (dBm)
Frequency
2140 MHz
S21 – Gain
14.4 dB
S11 – Input Return Loss
-23 dB
S22 – Output Return Loss
-8 dB
Output P1dB
+28.5 dBm
Output IP3
(+11 dBm / tone, 1 MHz spacing)
+42 dBm
W-CDMA Channel Power
(@-45 dBc ACLR)
+20 dBm
Noise Figure
5.3 dB
Device / Supply Voltage
+5 V
Quiescent Current
250 mA


Similar Part No. - AH115-S8PCB2140

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH115-S8PCB2140 WJCI-AH115-S8PCB2140 Datasheet
422Kb / 5P
   쩍 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH115-S8PCB2140

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH116-RFID WJCI-AH116-RFID Datasheet
709Kb / 6P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP050D WJCI-ECP050D Datasheet
489Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP052 WJCI-ECP052 Datasheet
225Kb / 5P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP053 WJCI-ECP053 Datasheet
146Kb / 3P
   1/2 Watt, High Linearity InGaP HBT Amplifier
ECP103 WJCI-ECP103 Datasheet
382Kb / 5P
   1 Watt, High Linearity InGaP HBT Amplifier
ECP100D WJCI-ECP100D Datasheet
537Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH215 WJCI-AH215 Datasheet
330Kb / 7P
   1 Watt, High Linearity InGaP HBT Amplifier
AH312 WJCI-AH312 Datasheet
356Kb / 7P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP203 WJCI-ECP203 Datasheet
194Kb / 3P
   2 Watt, High Linearity InGaP HBT Amplifier
ECP200D WJCI-ECP200D Datasheet
319Kb / 6P
   2 Watt, High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com