Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS874NT Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # DM74AS874NT
Description  Dual 4-Bit D-Type Edge-Triggered Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS874NT Datasheet(HTML) 4 Page - Fairchild Semiconductor

  DM74AS874NT Datasheet HTML 1Page - Fairchild Semiconductor DM74AS874NT Datasheet HTML 2Page - Fairchild Semiconductor DM74AS874NT Datasheet HTML 3Page - Fairchild Semiconductor DM74AS874NT Datasheet HTML 4Page - Fairchild Semiconductor DM74AS874NT Datasheet HTML 5Page - Fairchild Semiconductor DM74AS874NT Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
80
MHz
tPLH
Propagation Delay Time
RL = 500Ω
Clock
Any Q
38.5
ns
LOW-to-HIGH Level Output
CL = 50 pF
tPHL
Propagation Delay Time
Clock
Any Q
4
10.5
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output Control
Any Q
27
ns
to HIGH Level Output
tPZL
Output Enable Time
Output Control
Any Q
3
10.5
ns
to LOW Level Output
tPHZ
Output Disable Time
Output Control
Any Q
26
ns
from HIGH Level Output
tPLZ
Output Disable Time
Output Control
Any Q
27.5
ns
from LOW Level Output
tPHL
Propagation Delay Time
Clear
Any Q
411.5
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74AS874NT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
48Kb / 5P
   Dual 4-Bit D-Type Transparent Latches
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
50Kb / 5P
   Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
DM74AS873NT FAIRCHILD-DM74AS873NT Datasheet
48Kb / 5P
   Dual 4-Bit D-Type Transparent Latches
More results

Similar Description - DM74AS874NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16374 TI1-SN74LVC16374_14 Datasheet
489Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVCH32374A TI1-SN74LVCH32374A_16 Datasheet
811Kb / 14P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com