Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C256-25WKA6T Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28C256-25WKA6T
Description  256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C256-25WKA6T Datasheet(HTML) 5 Page - STMicroelectronics

  M28C256-25WKA6T Datasheet HTML 1Page - STMicroelectronics M28C256-25WKA6T Datasheet HTML 2Page - STMicroelectronics M28C256-25WKA6T Datasheet HTML 3Page - STMicroelectronics M28C256-25WKA6T Datasheet HTML 4Page - STMicroelectronics M28C256-25WKA6T Datasheet HTML 5Page - STMicroelectronics M28C256-25WKA6T Datasheet HTML 6Page - STMicroelectronics M28C256-25WKA6T Datasheet HTML 7Page - STMicroelectronics M28C256-25WKA6T Datasheet HTML 8Page - STMicroelectronics M28C256-25WKA6T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Status Register
The devices provide several Write operation status
flags that can be used to minimize the application
write time. These signals are available on the I/O
port bits during programming cycle only.
Data Polling bit (DQ7). During the internal write
cycle, any attempt to read the last byte written will
produce on DQ7 the complementary value of the
previously latched bit. Once the write cycle is fin-
ished the true logic value appears on DQ7 in the
read cycle.
Toggle bit (DQ6). The devices offer another way
for determining when the internal write cycle is
completed. During the internal Erase/Write cycle,
DQ6 will toggle from ”0” to ”1” and ”1” to ”0” (the
first read value is ”0”) on subsequent attempts to
read any byte of the memory. When the internal
cycle is completed the toggling will stop and the
data read on DQ7-DQ0 is the addressed memory
byte. The device is now accessible for a new Read
or Write operation.
Page Load Timer Status bit (DQ5). Duringa Page
Write instruction, the devices expect to receive the
stream of data with a minimum period of time
between each data byte. This period of time
(tWHWH) is defined by the on-chip Page Load timer
which running/overflow status is available on DQ5.
DQ5 Low indicates that the timer is running, DQ5
High indicates the time-out after which the internal
write cycle will start.
Software Data Protection
The devices offer a software controlled write pro-
tection facility that allows the user to inhibit all write
modes to the device. This can be useful in protect-
ing the memory from inadvertent write cycles that
may occur due to uncontrolledbus conditions.
The devices are shipped as standardin the ”unpro-
tected” state meaning that the memory contents
can be changed as required by the user. After the
Software Data Protection enable algorithm is is-
sued, the device
enters the ”Protect Mode” of
operation where no further write commands have
any effect on the memory contents.
The devices remain in this
mode until a valid
Software Data Protection (SDP) disable sequence
is received whereby the device reverts to its ”un-
protected” state. The Software Data Protection is
fully non-volatile and is not changed by power
on/off sequences. To enable the Software Data
Protection (SDP) the device requires the user to
write (with a Page Write addressing three specific
data bytes to three specific memory locations,each
location in a different page) as per Figure 6. Simi-
larly to disable the Software Data Protection the
user has to write specific data bytes into six differ-
ent locations as per Figure 5 (with a Page Write
adressing different bytes in different pages).
This complexseries ensures that the userwill never
enable or disable the Software Data Protection
accidentally.
To write into the devices when SDP is set, the
sequence shown in Figure 6 must be used. This
sequence provides an unlock key to enable the
write action, and at the same time SDP continues
to be set.
An extension to this is where SDP is required to be
set, and data is to be written.
Using the same sequence as above, the data can
be written and SDP is set at the same time, giving
both these actions in the same Write cycle (tWC).
DQ7
DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
DP
TB
PLTS
X
X
X
X
X
DP
= Data Polling
TB
= Toggle Bit
PLTS = Page Load Timer Status
Figure 4. Status Bit Assignment
5/21
M28256


Similar Part No. - M28C256-25WKA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1T STMICROELECTRONICS-M28C16-120K1T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1TR STMICROELECTRONICS-M28C16-120K1TR Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M28C16-120K6T STMICROELECTRONICS-M28C16-120K6T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K6TR STMICROELECTRONICS-M28C16-120K6TR Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
More results

Similar Description - M28C256-25WKA6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
   256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
   256 Kbit 32Kb x8 ZEROPOWER SRAM
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M28C16A STMICROELECTRONICS-M28C16A Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C64C STMICROELECTRONICS-M28C64C Datasheet
100Kb / 15P
   64 Kbit 8Kb x8 Parallel EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com