Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNA57260 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHNA57260
Description  200V, N-CHANNEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA57260 Datasheet(HTML) 8 Page - International Rectifier

  IRHNA57260 Datasheet HTML 1Page - International Rectifier IRHNA57260 Datasheet HTML 2Page - International Rectifier IRHNA57260 Datasheet HTML 3Page - International Rectifier IRHNA57260 Datasheet HTML 4Page - International Rectifier IRHNA57260 Datasheet HTML 5Page - International Rectifier IRHNA57260 Datasheet HTML 6Page - International Rectifier IRHNA57260 Datasheet HTML 7Page - International Rectifier IRHNA57260 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHNA57260
Pre-Irradiation
8
www.irf.com
 Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
 Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
‘ Total Dose Irradiation with VDS Bias.
160 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
ΠRepetitive Rating; Pulse width limited by
maximum junction temperature.
 VDD = 50V, starting TJ = 25°C, L= 0.25 mH
Peak IL = 55A, VGS = 12V
Ž ISD ≤ 55A, di/dt ≤ 120A/µs,
VDD ≤ 200V, TJ ≤ 150°C
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
Data and specifications subject to change without notice.
11/99
Footnotes:
Case Outline and Dimensions — SMD-2
PAD ASSIGNMENTS


Similar Part No. - IRHNA57260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA57260 IRF-IRHNA57260 Datasheet
114Kb / 8P
   Simple Drive Requirements
IRHNA57260SE IRF-IRHNA57260SE Datasheet
179Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (SMD-2)
IRHNA57260SE IRF-IRHNA57260SE Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHNA57260SE IRF-IRHNA57260SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHNA57260 IRF-IRHNA57260_15 Datasheet
114Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNA57260

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com