Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9860PF2 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # ISL9860PF2
Description  8A, 600V Stealth Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

ISL9860PF2 Datasheet(HTML) 1 Page - Samsung semiconductor

  ISL9860PF2 Datasheet HTML 1Page - Samsung semiconductor ISL9860PF2 Datasheet HTML 2Page - Samsung semiconductor ISL9860PF2 Datasheet HTML 3Page - Samsung semiconductor ISL9860PF2 Datasheet HTML 4Page - Samsung semiconductor ISL9860PF2 Datasheet HTML 5Page - Samsung semiconductor ISL9860PF2 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2003 Fairchild Semiconductor Corporation
April 2003
ISL9R860PF2 Rev. A
ISL9R860PF2
8A, 600V Stealth™ Diode
General Description
The ISL9R860PF2 is a Stealth™ diode optimized for
low loss performance in high frequency hard switched
applications. The Stealth™ family exhibits low reverse
recovery current (IRRM) and exceptionally soft recovery
under typical operating conditions.
This device is intended for use as a free wheeling or
boost diode in power supplies and other power
switching applications. The low IRRM and short ta phase
reduce loss in switching transistors. The soft recovery
minimizes ringing, expanding the range of conditions
under which the diode may be operated without the use
of additional snubber circuitry. Consider using the
Stealth™ diode with an SMPS IGBT to provide the
most efficient and highest power density design at
lower cost.
Formerly developmental type TA49409.
Features
• Soft Recovery . . . . . . . . . . . . . . . . . . . . . . tb / ta > 1.2
• Fast Recovery. . . . . . . . . . . . . . . . . . . . . . . trr < 25ns
• Operating Temperature. . . . . . . . . . . . . . . . . . 150oC
• Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . 600V
• Internally Isolated . . . . . . . . . . . . . . . . . . . . . . . . 1kV
• Avalanche Energy Rated
Applications
• Switch Mode Power Supplies
• Hard Switched PFC Boost Diode
• UPS Free Wheeling Diode
• Motor Drive FWD
• SMPS FWD
• Snubber Diode
Device Maximum Ratings T
C= 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VRRM
Peak Repetitive Reverse Voltage
600
V
VRWM
Working Peak Reverse Voltage
600
V
VR
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current (TC = 75
oC)
8
A
IFRM
Repetitive Peak Surge Current (20kHz Square Wave)
16
A
IFSM
Nonrepetitive Peak Surge Current (Halfwave 1 Phase 60Hz)
100
A
PD
Power Dissipation
26
W
EAVL
Avalanche Energy (1A, 40mH)
20
mJ
TJ, TSTG
Operating and Storage Temperature Range
-55 to 150
°C
TL
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s
300
°C
CAUTION: Stresses above those listed in “Device Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
K
A
CATHODE
ANODE
TO-220F
Package
Symbol


Similar Part No. - ISL9860PF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9860PF2 FAIRCHILD-ISL9860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
More results

Similar Description - ISL9860PF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9R860P2 FAIRCHILD-ISL9R860P2 Datasheet
129Kb / 6P
   8A, 600V Stealth??Diode
ISL9860PF2 FAIRCHILD-ISL9860PF2 Datasheet
142Kb / 6P
   8A, 600V Stealth Diode
ISL9R860PF2 FAIRCHILD-ISL9R860PF2 Datasheet
139Kb / 6P
   8A, 600V Stealth??Diode
ISL9R860P2 FAIRCHILD-ISL9R860P2_09 Datasheet
330Kb / 8P
   8A, 600V Stealth??Diode
ISL9K860P3 FAIRCHILD-ISL9K860P3 Datasheet
144Kb / 6P
   8A, 600V Stealth??Dual Diode
ISL9R8120P2 FAIRCHILD-ISL9R8120P2 Datasheet
145Kb / 6P
   8A, 1200V Stealth??Diode
ISL9K8120P3 FAIRCHILD-ISL9K8120P3 Datasheet
140Kb / 6P
   8A, 1200V Stealth??Dual Diode
ISL9R1560S3S FAIRCHILD-ISL9R1560S3S Datasheet
131Kb / 7P
   15A, 600V Stealth??Diode
ISL9R460PF2 FAIRCHILD-ISL9R460PF2_09 Datasheet
671Kb / 7P
   4A, 600V Stealth??Diode
FF1N30HS60DD FAIRCHILD-FF1N30HS60DD Datasheet
166Kb / 6P
   30A, 600V Stealth Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com