Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7N403601B-QC13 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K7N403601B-QC13
Description  128Kx36 & 256Kx18 Pipelined NtRAMTM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7N403601B-QC13 Datasheet(HTML) 2 Page - Samsung semiconductor

  K7N403601B-QC13 Datasheet HTML 1Page - Samsung semiconductor K7N403601B-QC13 Datasheet HTML 2Page - Samsung semiconductor K7N403601B-QC13 Datasheet HTML 3Page - Samsung semiconductor K7N403601B-QC13 Datasheet HTML 4Page - Samsung semiconductor K7N403601B-QC13 Datasheet HTML 5Page - Samsung semiconductor K7N403601B-QC13 Datasheet HTML 6Page - Samsung semiconductor K7N403601B-QC13 Datasheet HTML 7Page - Samsung semiconductor K7N403601B-QC13 Datasheet HTML 8Page - Samsung semiconductor K7N403601B-QC13 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
K7N403609B
128Kx36 & 256Kx18 Pipelined NtRAMTM
- 2 -
Rev 2.0
Nov. 2003
K7N401809B
4Mb NtRAM Pipelined Ordering Information
Org.
Part Number
Mode
VDD
Speed
FT ; Access Time(ns)
Pipelined ; Cycle Time(MHz)
PKG
Temp
256Kx18
K7N401801B-QC(I)13
Pipelined
3.3
133 MHz
Q :100TQFP
C
(Commercial
Temperature
Range)
I:
(Industrial
Temperature
Range)
K7N401809B-QC(I)20
Pipelined
3.3
200 MHz
128Kx36
K7N403601B-QC(I)13
Pipelined
3.3
133 MHz
K7N403609B-QC(I)20
Pipelined
3.3
200 MHz


Similar Part No. - K7N403601B-QC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N403601B-QC13 SAMSUNG-K7N403601B-QC13 Datasheet
386Kb / 18P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7N403601B-QC13 SAMSUNG-K7N403601B-QC13 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
More results

Similar Description - K7N403601B-QC13

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7N403601A SAMSUNG-K7N403601A Datasheet
387Kb / 17P
   128Kx36 & 256Kx18-Bit Pipelined NtRAMTM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7N403601B SAMSUNG-K7N403601B Datasheet
386Kb / 18P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7N403601B SAMSUNG-K7N403601B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
KM736FV4021 SAMSUNG-KM736FV4021 Datasheet
350Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7N403601M SAMSUNG-K7N403601M Datasheet
273Kb / 17P
   128Kx36 & 256Kx18 Pipelined NtRAM-TM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7P403623B SAMSUNG-K7P403623B Datasheet
315Kb / 13P
   128Kx36 & 256Kx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com