Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4207ETE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4207ETE
Description  Precision Transimpedance Logarithmic Amplifier with Over 5 Decades of Dynamic Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4207ETE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4207ETE Datasheet HTML 1Page - Maxim Integrated Products MAX4207ETE Datasheet HTML 2Page - Maxim Integrated Products MAX4207ETE Datasheet HTML 3Page - Maxim Integrated Products MAX4207ETE Datasheet HTML 4Page - Maxim Integrated Products MAX4207ETE Datasheet HTML 5Page - Maxim Integrated Products MAX4207ETE Datasheet HTML 6Page - Maxim Integrated Products MAX4207ETE Datasheet HTML 7Page - Maxim Integrated Products MAX4207ETE Datasheet HTML 8Page - Maxim Integrated Products MAX4207ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Precision Transimpedance Logarithmic
Amplifier with Over 5 Decades of Dynamic Range
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—Dual-Supply Operation (continued)
(VCC = +5V, VEE = -5V, GND = 0, IREF = 1µA, ILOG = 10µA, LOGV2 = SCALE, LOGV1 = OSADJ, CMVIN = CMVOUT, RSET > 1MΩ,
TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Reference Output
Current
IREFVOUT
1mA
TA = +25°C
490
500
510
Current Reference Output
Voltage
VREFISET
TA = -40°C to +85°C (Note 4)
482
518
mV
LOGV2 BUFFER
TA = +25°C
0.4
2
Input Offset Voltage
VIO
TA = -40°C to +85°C (Note 4)
6
mV
Input Bias Current
IB
(Note 4)
0.01
1nA
VOH
RL to GND = 2kΩ
VCC -
0.2
VCC -
0.3
Output Voltage Range
VOL
RL to GND = 2kΩ
VEE +
0.2
VEE +
0.08
V
IOUT+
Sourcing
34
Output Short-Circuit Current
IOUT-
Sinking
58
mA
Slew Rate
SR
12
V/µs
Unity-Gain Bandwidth
GBW
5
MHz
AC ELECTRICAL CHARACTERISTICS—Dual-Supply Operation
(VCC = +5V, VEE = -5V, GND = 0, IREF = 1µA, ILOG = 10µA, LOGV2 = SCALE, LOGV1 = OSADJ, CMVIN = CMVOUT, RSET > 1MΩ,
TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGV2 Total Noise
0.1Hz to 10Hz, total output-referred noise,
IREF = 10nA, ILOG = 100nA
17
µVRMS
LOGV2 Spot Noise Density
f = 5kHz, IREF = 10nA, ILOG = 100nA
0.8
µV/√Hz
REFVOUT Total Noise
1Hz to 10Hz, total output-referred noise
3.3
µVRMS
REFVOUT Spot Noise Density
f = 5kHz
266
nV/√Hz
REFISET Total Noise
1Hz to 10Hz, total output-referred noise
0.67
µVRMS
REFISET Spot Noise Density
f = 5kHz
23
nV/√Hz
Small-Signal Unity-Gain
Bandwidth
IREF = 1µA, ILOG = 10µA, RCOMP = 300Ω,
CCOMP = 32pF
1
MHz
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed and functionally verified.
Note 3: Log conformity error less than ±5mV with scale factor = 0.25V/decade.
Note 4: Guaranteed by design.


Similar Part No. - MAX4207ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX420 MAXIM-MAX420 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX420-MAX423 MAXIM-MAX420-MAX423 Datasheet
438Kb / 12P
   짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX4200 MAXIM-MAX4200 Datasheet
176Kb / 12P
   Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
MAX4200 MAXIM-MAX4200 Datasheet
34Kb / 4P
   780MHz -3dB Bandwidth, 280MHz 0.1dB Gain Flatness, Excellent Capacitive-Load-Driving Capability
Rev 0; 3/98
MAX4200-MAX4205 MAXIM-MAX4200-MAX4205 Datasheet
176Kb / 12P
   Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
Rev 2; 4/99
More results

Similar Description - MAX4207ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4206 MAXIM-MAX4206_V01 Datasheet
320Kb / 17P
   Precision Transimpedance Logarithmic Amplifier with Over 5 Decades of Dynamic Range
2015
MAX4206 MAXIM-MAX4206 Datasheet
1Mb / 17P
   Precision Transimpedance Logarithmic Amplifier with Over 5 Decades of Dynamic Range
Rev 0; 12/03
logo
NXP Semiconductors
SA5223 PHILIPS-SA5223 Datasheet
136Kb / 12P
   Wide dynamic range AGC transimpedance amplifier 150MHz
1995 Oct 24
logo
Maxim Integrated Produc...
MAX3260 MAXIM-MAX3260 Datasheet
57Kb / 4P
   1GHz Transimpedance Preamplifier with 25dB Dynamic Range
19-0322; Rev 0; 10/94
logo
Analog Devices
CN-0072 AD-CN-0072 Datasheet
123Kb / 3P
   Extending the Dynamic Range of the ADL5513 Logarithmic Detector Using the AD8368 Variable Gain Amplifier
REV. 0
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
[Old version datasheet]   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Burr-Brown (TI)
OPA380 BURR-BROWN-OPA380 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
OPA380AID TI-OPA380AID Datasheet
695Kb / 22P
[Old version datasheet]   Precision, High-Speed Transimpedance Amplifier
logo
National Semiconductor ...
LMH2110 NSC-LMH2110 Datasheet
161Kb / 4P
   8 GHz Logarithmic RMS Power Detector with 45 dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com