Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4711 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4711
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4711 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4711 Datasheet HTML 7Page - Maxim Integrated Products MAX4711 Datasheet HTML 8Page - Maxim Integrated Products MAX4711 Datasheet HTML 9Page - Maxim Integrated Products MAX4711 Datasheet HTML 10Page - Maxim Integrated Products MAX4711 Datasheet HTML 11Page - Maxim Integrated Products MAX4711 Datasheet HTML 12Page - Maxim Integrated Products MAX4711 Datasheet HTML 13Page - Maxim Integrated Products MAX4711 Datasheet HTML 14Page - Maxim Integrated Products MAX4711 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
NC_) and COM_ so that signals pass equally well in
either direction.
Positive Fault Condition
When the signal on NO_ (or NC_) exceeds V+ by about
150mV, the high-fault comparator output is high, turn-
ing off FETs N1 and P1. This makes the NO_ (or NC_)
input high impedance regardless of the switch state. If
the switch state is “off”, all FETs are turned off and both
NO_ (or NC_) and COM_ are high impedance. If the
switch state is “on”, clamp FET P2 is turned on, sourc-
ing current from V+ to COM_.
Negative Fault Condition
When the signal on NO_ (or NC_) exceeds V- by about
150mV, the low-fault comparator output is high, turning
off FETs N1 and P1. This makes the NO_ (or NC_) input
high impedance regardless of the switch state. If the
switch state is “off”, all FETs are turned off and both
NO_ (or NC_) and COM_ are high impedance. If the
switch state is “on”, clamp FET N2 is turned on, sinking
current from COM_ to V-.
Transient Fault Response and Recovery
When a fast rise-time or fall-time transient on NC_ or
NO_ exceeds V+ or V-, the output (COM_) follows the
input to the supply rail with only a few nanoseconds
delay. This delay is due to the switch on-resistance and
circuit capacitance to ground. When the input transient
returns to within the supply rails, however, there is a
700ns output recovery delay time. These values
depend on the COM_ output resistance and capaci-
tance, and are not production tested or guaranteed.
The delays are not dependent on the fault amplitude.
Higher COM_ output resistance and capacitance
increase recovery times.
COM_ and IN_ Pins
FETs N2 and P2 can source about ±15mA from V+ or
V- to COM_ in the fault condition. Ensure that if the
COM_ pin is connected to a low-resistance load, the
absolute maximum current rating of 40mA is never
exceeded both in normal and fault conditions.
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
______________________________________________________________________________________
11
V+
NO_
(NC_)
IN_
GND
V-
HIGH
FAULT
LOW
FAULT
ON
N1
P1
P2
COM_
N2
NC SWITCH
-ESD DIODE
NORMALLY OPEN SWITCH CONSTRUCTION
Figure 1. Block Diagram


Similar Part No. - MAX4711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711-MAX4713 MAXIM-MAX4711-MAX4713 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CPE MAXIM-MAX4711CPE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CSE MAXIM-MAX4711CSE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CUE MAXIM-MAX4711CUE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com