Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4711 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4711
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4711 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4711 Datasheet HTML 2Page - Maxim Integrated Products MAX4711 Datasheet HTML 3Page - Maxim Integrated Products MAX4711 Datasheet HTML 4Page - Maxim Integrated Products MAX4711 Datasheet HTML 5Page - Maxim Integrated Products MAX4711 Datasheet HTML 6Page - Maxim Integrated Products MAX4711 Datasheet HTML 7Page - Maxim Integrated Products MAX4711 Datasheet HTML 8Page - Maxim Integrated Products MAX4711 Datasheet HTML 9Page - Maxim Integrated Products MAX4711 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—+3V Single Supply
(V+ = +2.7V to +3.6V, V- = 0, VIH = +2.0V, VIL = +0.6V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Fault-Free Analog Signal
Range
VCOM_,
VNO_, VNC_
Power-on
C, E
V-
V+
V
+25°C
54
75
On-Resistance
RON
V+ = +2.7V,
VNO_, VNC_ = +1V, IOUT = 1mA
C, E
100
+25°C
17
On-Resistance Match Between
Channels (Note 4)
∆RON
V+ = +2.7V,
VNO_, VNC_ = +1V, IOUT = 1mA
C, E
9
+25°C
-0.5
+0.5
NO_, NC_ Off-Leakage Current
(Note 5)
INO_(OFF),
INC_(OFF)
V+ = +3.6V,
VCOM_ = +0.7V, +3V;
VNO_, VNC_ = +3V, +0.7V
C, E
-10
+10
nA
+25°C
-0.5
+0.5
COM_ Off-Leakage Current
(Note 5)
ICOM_(OFF)
V+ = +3.6V,
VCOM_ = +0.7V, +3V;
VNO_, VNC_ = +3V, +0.7V
C, E
-10
+10
nA
+25°C
-0.5
+0.5
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
V+ = +3.6V,
VCOM_ = +0.7, +3V;
VNO_, VNC_ = +0.7V,+3V, or
floating
C, E
-20
+20
nA
FAULT
Fault-Protected Analog Signal
Range
VNO_,
VNC_
Power-on
C, E
-12 + V+
+12
V
Fault-Protected Analog Signal
Range
VNO_,
VNC_
Power-off
C, E
-12
+12
V
+25°C
-50
+50
COM_ Output-Leakage
Current, Supplies ON (Note 5)
ICOM
All channels off;
VNO_, VNC_ = +12V or -9V,
V+ = +3V
C, E
-500
+500
nA
+25°C
-50
+50
NO_ or NC_ Off-Leakage
Current, Supplies ON (Note 5)
INO_,
INC_
VNO_, VNC_ = +12V or -9V,
V+ = +3V
C, E
-500
+500
nA
+25°C
-0.5
+0.5
NO_ or NC_ Input-Leakage
Current, Supplies OFF (Note 5)
INO_,
INC_
VNO_, VNC_ = ±12V,
V± = 0
C, E
-5
+5
µA
Output Clamp Current
ICOM_VNO_, VNC_ = +12V, V+ = +3V
C, E
0.5
3.0
mA
Output Clamp Resistance
RCLAMP_
V+ = +3V, VNO_, VNC_ = +12V;
clamp on
+25°C
600
kΩ
+Fault Output Turn-On Delay
Time
VNO_, VNC_ = +12V,
RL = 300Ω, V+ = +3V
+25°C
200
ns
+Fault Recovery Time
VNO_, VNC_ = +12V,
RL = 300Ω, V+ = +3V
+25°C
2.2
µs


Similar Part No. - MAX4711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711-MAX4713 MAXIM-MAX4711-MAX4713 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CPE MAXIM-MAX4711CPE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CSE MAXIM-MAX4711CSE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711CUE MAXIM-MAX4711CUE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4711

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com