Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4712CPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4712CPE
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4712CPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4712CPE Datasheet HTML 1Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 2Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4712CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VIH = +2.4V, VIL = +0.8V, GND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ ...........................................................................-0.3V to +13V
V- ............................................................................-13V to +0.3V
V+ to V-...................................................................-0.3V to +13V
IN_...........................................................(V- + 12V) to (V- - 0.3V)
COM_ (Note 1)......................................(V- - 0.3V) to (V+ + 0.3V)
NO_, NC_ (Note 2)..................................(V+ - 12V) to (V- + 12V)
Continuous Current into Any Terminal..............................±40mA
Peak Current, into Any Terminal
(pulsed at 1ms,10% duty cycle).................................±70mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP (derate 5.70mW/°C above +70°C) ...........457mW
16-Pin Narrow SO (derate 8.70mW/°C above +70°C).....696mW
16-Pin Plastic Dip (derate 10.53mW/°C above +70°C) ...842mW
Operating Temperature Ranges
MAX471_C_ E .....................................................0°C to +70°C
MAX471_E_ E ..................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Fault-Free Analog Signal Range
VCOM_,
VNO_,VNO_
Applies with power on
C, E
V-
V+
V
+25°C
16
25
On-Resistance
RON
V+ = +4.5V, V- = -4.5V,
VNO_, VNC_ = ±3.5V, IOUT = 10mA
C, E
30
+25°C
0.2
1
On-Resistance Match Between
Channels (Note 4)
∆RON
V+ = +4.5V, V- = -4.5V,
VNO_, VNC_ = ±3.5V, IOUT = 10mA
C, E
2
+25°C
1.3
4
On-Resistance Flatness
RFLAT
V+ = +4.5V, V- = -4.5V,
VNO_, VNC_ = ±3.5V, IOUT = 10mA
C, E
5
+25°C
-0.5
+0.5
NO_, NC_ Off-Leakage Current
(Note 5)
INO_(OFF),
INC_(OFF)
V+ = +5.5V, V- = -5.5V,
VCOM_ = ±4.5V,
VNO_, VNC_ = 4.5V
C, E
-10
+10
nA
+25°C
-0.5
+0.5
COM_ Off-Leakage Current
(Note 5)
ICOM_(OFF)
V+ = +5.5V, V- = -5.5V,
VCOM_ = ±4.5V,
VNO_, VNC_ = 4.5V
C, E
-10
+10
nA
+25°C
-0.5
+0.5
COM_ On-Leakage Current
(Note 5)
ICOM_(ON)
V+ = +5.5V, V- = -5.5V,
VCOM_ = ±4.5V,
VNO_, VNC_ = ±4.5V or floating
C, E
-20
+20
nA
FAULT
Fault-Protected Analog Signal
Range
VNO_,
VNC_
Applies with power on
C, E
-12 + V+
+12 + V-
V
Fault-Protected Analog Signal
Range
VNO_,
VNC_
Applies with power off
C, E
-12
+12
V
+25°C
-50
+50
COM_ Output-Leakage Current,
Supplies ON (Note 5)
ICOM
All channels off,
V+ = +5V, V- = -5V,
VNO_, VNC_ = ±7V
C, E
-500
+500
nA
Note 1: COM_ pin is not fault-protected. Signals on COM_ exceeding V+ or V- are clamped by internal diodes. Limit forward diode
current to maximum current rating.
Note 2: NO_ and NC_ pins are fault-protected. Signals on NO_ or NC_ exceeding -12V to +12V may damage device. These limits
apply with V+ = V- = 0.


Similar Part No. - MAX4712CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4712CPE MAXIM-MAX4712CPE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4712CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com