Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H90CT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR20H90CT
Description  Dual High-Voltage Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR20H90CT Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR20H90CT Datasheet HTML 1Page - Vishay Siliconix MBR20H90CT Datasheet HTML 2Page - Vishay Siliconix MBR20H90CT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MBR20H100CT, MBRF20H100CT & MBRB20H100CT Series
Vishay Semiconductors
formerly General Semiconductor
Document Number 88673
www.vishay.com
03-Sep-04
1
New Product
Dual High-Voltage Schottky Rectifiers
Reverse Voltage 90 to 100V
Forward Current 20A
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB, TO-263AB
& TO-262AA molded plastic body
Terminals: Plated leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case (TO-220AB,
ITO-220AB & TO-252AA) at terminals (TO-236AB)
Polarity: As marked Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 oz., 2.24 g
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Dual rectifier construction, positive center tap
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency
• Guardring for overvoltage protection
• For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
0.380 (9.65)
0.411 (10.45)
0.320 (8.13)
0.360 (9.14)
0.591 (15.00)
0.624 (15.85)
1
2
0.245 (6.22)
MIN
K
K
0.160 (4.06)
0.190 (4.83)
0.045 (1.14)
0.055 (1.40)
0.014 (0.36)
0.021 (0.53)
0.110 (2.79)
0.140 (3.56)
0.090 (2.29)
0.110 (2.79)
0.047 (1.19)
0.055 (1.40)
PIN 1
PIN 2
K - HEATSINK
0-0.01 (0-0.254)
0.027 (0.686)
0.037 (0.940)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
1
3
PIN
2
0.057 (1.45)
0.405 (10.27)
0.383 (9.72)
0.191 (4.85)
0.171 (4.35)
0.600 (15.5)
0.580 (14.5)
0.560 (14.22)
0.530 (13.46)
0.037 (0.94)
0.027 (0.69)
0.140 (3.56)
0.130 (3.30)
0.350 (8.89)
0.330 (8.38)
0.188 (4.77)
0.172 (4.36)
0.110 (2.80)
0.100 (2.54)
0.131 (3.39)
0.122 (3.08)
0.110 (2.80)
0.100 (2.54)
0.022 (0.55)
0.014 (0.36)
DIA.
DIA.
0.676 (17.2)
0.646 (16.4)
0.205 (5.20)
0.195 (4.95)
0.105 (2.67)
0.095 (2.41)
PIN 2
PIN 1
PIN 3
0.045 (1.14)
ITO-220AB (MBRF20H90CT, MBRF20H100CT)
TO-220AB (MBR20H90CT, MBR20H100CT)
TO-263AB (MBRB20H90CT, MBRB20H100CT)
12
3
PIN
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
CASE
1.148 (29.16)
1.118 (28.40)
PIN 2
0.154 (3.91)
0.148 (3.74)
0.113 (2.87)
0.103 (2.62)
0.160 (4.06)
0.140 (3.56)
0.410 (10.41)
0.390 (9.91)
0.635 (16.13)
0.625 (15.87)
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
PIN 1
PIN 3
0.028 (0.70)
0.104 (2.65)
0.096 (2.45)
0.035 (0.90)
0.205 (5.20)
0.195 (4.95)
0.105 (2.67)
0.095 (2.41)
0.057 (1.45)
0.045 (1.14)
0.08
(2.032)
0.24
(6.096)
0.42
(10.66)
0.63
(17.02)
0.12
(3.05)
0.33
(8.38)
Dimensions in inches
and (millimeters)
Mounting Pad Layout TO-263AB


Similar Part No. - MBR20H90CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H90CT VISHAY-MBR20H90CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR20H90CT VISHAY-MBR20H90CT Datasheet
507Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 08-Nov-07
MBR20H90CT VISHAY-MBR20H90CT Datasheet
171Kb / 6P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 08-Nov-07
MBR20H90CTG VISHAY-MBR20H90CTG Datasheet
412Kb / 4P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 25-Mar-08
logo
Kersemi Electronic Co.,...
MBR20H90CTG KERSEMI-MBR20H90CTG Datasheet
1Mb / 3P
   High Barrier Technology for Improved High Temperature Performance
More results

Similar Description - MBR20H90CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
   High-Voltage Dual Schottky Rectifiers
02-Jul-02
MBRB25H60CT VISHAY-MBRB25H60CT Datasheet
95Kb / 3P
   Dual High-Voltage Schottky Rectifiers
7-May-03
MBR20H150CT VISHAY-MBR20H150CT Datasheet
76Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Dec-03
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR60100CT VISHAY-MBR60100CT Datasheet
79Kb / 2P
   Dual High-Voltage Schottky Rectifiers
10-May-04
MBR30H100CT VISHAY-MBR30H100CT Datasheet
81Kb / 3P
   High-Voltage Dual Schottky Rectifiers
11-Jul-03
MBR30H150CT1 VISHAY-MBR30H150CT1 Datasheet
88Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Dec-03
MBRB10H100CT VISHAY-MBRB10H100CT Datasheet
78Kb / 3P
   Dual High-Voltage Schottky Rectifiers
24-Apr-03
MBR20H200CT VISHAY-MBR20H200CT Datasheet
66Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jun-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com