Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4713CSE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4713CSE
Description  Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4713CSE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4713CSE Datasheet HTML 6Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 7Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 8Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 9Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 10Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 11Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 12Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 13Page - Maxim Integrated Products MAX4713CSE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Detailed Description
The MAX4711/MAX4712/MAX4713 differ considerably
from traditional fault-protection switches, with several
advantages. First, they are constructed with two paral-
lel FET’s allowing very low on-resistance. Second, they
allow signals on the NC_ or NO_ pins that are within or
slightly beyond the supply rails to be passed through
the switch to the COM terminal, allowing rail-to-rail sig-
nal operation. Third, when a signal on NC_ or NO_
exceeds the supply rails by about 150mV (a fault con-
dition) the voltage on COM_ is limited to the same
polarity supply voltage. Operation is identical for both
fault polarities.
During a fault condition, the NO_ or NC_ input
becomes high impedance regardless of the switch
state or load resistance. If the switch is on, the COM_
output current is supplied from V+ or V- by the clamp
FET’s that are connected from COM to each supply.
These FET’s can typically source or sink up to 15mA.
When power is removed, the fault protection is still in
effect. In this case, the NO_ or NC_ terminals are a vir-
tual open circuit. The fault can be up to ±12V.
The COM_ pins are not fault-protected, they act as nor-
mal CMOS switch terminals. If a voltage source is con-
nected to any COM_ pin, it should be limited to the
supply voltages. Exceeding the supply voltage will
cause high currents to flow through the ESD-protected
diodes, possibly damaging the device (see Absolute
Maximum Ratings).
Pin Compatibility
These switches have identical pinouts to common non-
fault-protected CMOS switches. Care should be exer-
cised while considering them for direct replacements in
existing printed circuit boards since only the NO_ and
NC_ pins of each switch are fault-protected.
Internal Construction
Internal construction is shown in Figure 1, with the ana-
log signal paths shown in bold. A single NO switch is
shown; the NC configuration is identical except the
logic-level translator is inverting. The analog switch is
formed by the parallel combination of N-channel FET
(N1) and P-channel FET (P1), which are driven on and
off simultaneously according to the input fault condition
and the logic-level state.
Normal Operation
Two comparators continuously compare the voltage on
the NO_ (or NC_) pin with V+ and V-. When the signal
on NO_ or NC_ is between V+ and V- the switch acts
normally, with FETs N1 and P1 turning on and off in
response to IN_ signals. The parallel combination of
N1 and P1 forms a low-value resistor between NO_ (or
Fault-Protected, Low-Voltage,
Quad SPST Analog Switches
10
______________________________________________________________________________________
Pin Description
PIN
MAX4711
MAX4712
MAX4713
NAME
FUNCTION
1, 16, 9, 8
1, 16, 9, 8
1, 16, 9, 8
IN1, IN2, IN3,
IN4
Logic Inputs. Fault-protected to (V- + 12V).
2, 15, 10, 7
2, 15, 10, 7
2, 15, 10, 7
COM1,
COM2,
COM3, COM4
Analog Switch Common Terminals
3, 14, 11, 6
——
NC1, NC2,
NC3, NC4
Fault-Protected Analog Switch Normally Closed Terminals
3, 14, 11, 6
NO1, NO2,
NO3, NO4
Fault-Protected Analog Switch Normally Open Terminals
——
3, 6
NO1, NO4
Fault-Protected Analog Switch Normally Open Terminals
——
14, 11
NC2, NC3
Fault-Protected Analog Switch Normally Closed Terminals
44
4
V-
Negative Supply Voltage Input. Connect to GND for single-supply
operation.
55
5
GND
Ground
12
12
12
N.C.
No Connection. Not internally connected.
13
13
13
V+
Positive Supply Input


Similar Part No. - MAX4713CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4713CSE MAXIM-MAX4713CSE Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
More results

Similar Description - MAX4713CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com