Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2207 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2207
Description  3mmx3mm 2MHz 3A PWM Buck Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2207 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2207 Datasheet HTML 1Page - Micrel Semiconductor MIC2207 Datasheet HTML 2Page - Micrel Semiconductor MIC2207 Datasheet HTML 3Page - Micrel Semiconductor MIC2207 Datasheet HTML 4Page - Micrel Semiconductor MIC2207 Datasheet HTML 5Page - Micrel Semiconductor MIC2207 Datasheet HTML 6Page - Micrel Semiconductor MIC2207 Datasheet HTML 7Page - Micrel Semiconductor MIC2207 Datasheet HTML 8Page - Micrel Semiconductor MIC2207 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MIC2207
3mmx3mm 2MHz 3A PWM Buck
Regulator
General Description
The Micrel MIC2207 is a high efficiency PWM buck
(step-down) regulators that provides up to 3A of
output current. The MIC2207 operates at 2MHz and
has proprietary internal compensation that allows a
closed loop bandwidth of over 200KHz.
The low on-resistance internal p-channel MOSFET
of the MIC2207 allows efficiencies over 94%,
reduces external components count and eliminates
the need for an expensive current sense resistor.
The MIC2207 operates from 2.7V to 5.5V input and
the output can be adjusted down to 1V. The devices
can operate with a maximum duty cycle of 100% for
use in low-dropout conditions.
The MIC2207 is available in the exposed pad 3mm x
3mm MLF-12L package with a junction operating
range from –40°C to +125°C.
Features
2.7 to 5.5V supply voltage
2MHz PWM mode
Output current to 3A
>94% efficiency
100% maximum duty cycle
Adjustable output voltage option down to 1V
Ultra-fast transient response
Ultra-small external components
Stable with a 1µH inductor and a 4.7µF
output capacitor
Fully integrated 3A MOSFET switch
Micropower shutdown
Thermal shutdown and current limit
protection
Pb-free 3mm x 3mm MLF-12L package
–40
°C to +125°C junction temperature range
Applications
5V or 3.3V Point of Load Conversion
Telecom/Networking Equipment
Set Top Boxes
Storage Equipment
Video Cards
____________________________________________________________________________________________________
Typical Application
MIC2207
3A 2MHz Buck Regulator
80
82
84
86
88
90
92
94
96
00.5
11.522.5
3
OUTPUT CURRENT (A)
MIC2207
3.3V
OUT
Efficiency
4.5V
IN
5V
IN 5.5V
IN
Micrel, Inc • 2180 Fortune Drive • San Jose, Ca 95131 • USA • tel +1 (408) 944-0800 • fax +1 (408) 474-1000 • http://www.micrel.com
April 2005
M9999-040705
www.micrel.com


Similar Part No. - MIC2207

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2207YML MICREL-MIC2207YML Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
More results

Similar Description - MIC2207

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2208 MICREL-MIC2208 Datasheet
702Kb / 19P
   3mmx3mm 1MHz 3A PWM Buck Regulator
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
   2MHz PWM 2A Buck Regulator
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
   3A 2MHz Integrated Switch Buck Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SamHop Microelectronics...
SM8303 SAMHOP-SM8303 Datasheet
217Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Micrel Semiconductor
MIC4724 MICREL-MIC4724 Datasheet
610Kb / 19P
   3A 2MHz Integrated Switch Buck Regulator with 6Vmax Input
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com