Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK5814SLF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK5814SLF
Description  Low EMI Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK5814SLF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK5814SLF Datasheet HTML 1Page - Integrated Circuit Systems MK5814SLF Datasheet HTML 2Page - Integrated Circuit Systems MK5814SLF Datasheet HTML 3Page - Integrated Circuit Systems MK5814SLF Datasheet HTML 4Page - Integrated Circuit Systems MK5814SLF Datasheet HTML 5Page - Integrated Circuit Systems MK5814SLF Datasheet HTML 6Page - Integrated Circuit Systems MK5814SLF Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Low EMI Clock Generator
MDS 5814 A
5
Revision 020204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126
tel (408) 297-1201
www.icst.com
MK5814
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature 0 to +85
°C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature 0 to +85
° C, C
L = 15 pF
Note 1: Spread is enabled.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.63
V
Supply Current
IDD
No load, at 3.3 V, Fin=12 MHz
23
25
mA
No load, at 3.3 V, Fin=24 MHz
30
mA
No load, at 3.3 V, Fin=32 MHz
35
mA
Input High Voltage
VIH
0.85VDD
VDD
VDD
V
Input Middle Voltage
VIHM
0.4VDD
0.5VDD
0.6VDD
V
Input Low Voltage
VIL
0.0
0.0
0.15VDD
V
Output High Voltage
VOH
CMOS, IOH = -4 mA
2.4
V
Output High Voltage
VOH
IOH = -6 mA
2.0
V
Output Low Voltage
VOL
IOL = -4 mA
0.4
V
IOL = -10 mA
1.2
V
Input Capacitance
CIN1
S0, S1, FRSEL pins
4
6
pF
CIN2
X1, X2 pins
6
9
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Clock Frequency
4
32
MHz
Output Clock Frequency
16
128
MHz
Input Clock Duty Cycle
Time above VDD/2
40
60
%
Output Clock Duty Cycle
Time above 1.5 V
45
50
55
%
Cycle-to-cycle Jitter1
Fin=16 MHz, Fout=32 MHz
250
380
ps
Cycle-to-cycle Jitter1
Fin=32 MHz, Fout=128 MHz
250
380
ps
Output Rise Time
tR
FSEL=M, 0.4 to 2.4 V
0.8
2.2
ns
tR
FSEL=1,0; 0.4 to 2.4 V
2.0
5.0
ns
Output Fall Time
tF
FSEL=M, 0.4 to 2.4 V
0.8
2.2
ns
tF
FSEL=1,0; 0.4 to 2.4 V
2.0
4.4
ns
EMI Peak Frequency Reduction
8 to 16
dB


Similar Part No. - MK5814SLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5814 ICST-MK5814 Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK5814C RENESAS-MK5814C Datasheet
293Kb / 12P
   LOW EMI CLOCK GENERATOR
070612
MK5814C RENESAS-MK5814C Datasheet
384Kb / 11P
   LOW EMI CLOCK GENERATOR
121409
MK5814CMLF RENESAS-MK5814CMLF Datasheet
293Kb / 12P
   LOW EMI CLOCK GENERATOR
070612
MK5814CMLFT RENESAS-MK5814CMLFT Datasheet
293Kb / 12P
   LOW EMI CLOCK GENERATOR
070612
More results

Similar Description - MK5814SLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
   Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
   Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com