Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74LPT16373CA Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # PI74LPT16373CA
Description  Fast CMOS 3.3V 16-BitTransparent Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

PI74LPT16373CA Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  PI74LPT16373CA Datasheet HTML 1Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 2Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 3Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 4Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 5Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 6Page - PerkinElmer Optoelectronics PI74LPT16373CA Datasheet HTML 7Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PI74LPT16373
3.3V 16-Bit Transparent Latch
2
PS2069D
06/05/06
Pin Configuration
Pin Description
Pi
n Name
Description
xOE
3-State Output Enable Inputs (Active LOW)
xLE
Latch Enable Inputs (Active HIGH)
xDx
Data Inputs
xOx
3-State Outputs
GND
Ground
VCC
Power
Truth Table
Inputs(1)
Outputs(1)
xDx
xLE
xOE
xOx
H
H
L
H
L
H
L
L
X
X
H
Z
Notes:
1. H = High Voltage Level, X = Don't Care,
L = Low Voltage Level, Z = High Impedance
1
OE
1
1
O0
2
1
O1
3
GND
4
1
O2
5
1
O3
6
VCC
7
1
O4
8
1
O5
9
GND
10
1
O6
11
1
O7
12
2
O0
13
2
O1
14
GND
15
2
O2
16
2
O3
17
VCC
18
2
O4
19
2
O5
20
GND
21
2
O6
22
2
O7
23
2
OE
24
1
LE
48
1
D0
47
1
D1
46
GND
45
1
D2
44
1
D3
43
VCC
42
1
D4
41
1
D5
40
GND
39
1
D6
38
1
D7
37
2
D0
36
2
D1
35
GND
34
2
D2
33
2
D3
32
VCC
31
2
D4
30
2
D5
29
GND
28
2
D6
27
2
D7
26
2
LE
25
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other con-
ditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect reliability.
Storage Temperature ............................................................. –55°C to +125°C
Ambient Temperature with Power Applied ............................ –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only)...... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ... –0.5V to +7.0V
DC Input Voltage ..................................................................... –0.5V to +7.0V
DC Output Current............................................................................... 120 mA
Power Dissipation .................................................................................... 1.0W
06-0210


Similar Part No. - PI74LPT16373CA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
More results

Similar Description - PI74LPT16373CA

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
   Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT163373 IDT-IDT74FCT163373 Datasheet
100Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74LPT573 PERICOM-PI74LPT573 Datasheet
40Kb / 4P
   Fast CMOS 3.3V 8-Bit Transparent Latch
PI74FCT3573 PERICOM-PI74FCT3573 Datasheet
48Kb / 4P
   Fast CMOS 3.3V 8-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com