Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF403 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NRF403
Description  315/433 MHz Single Chip RF Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NRF403 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NRF403 Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF403 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF403 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF403 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF403 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF403 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF403 Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF403 Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF403 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRODUCT SPECIFICATION
nRF403 Single Chip RF Transceiver
Nordic VLSI ASA -
Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 1.1
Page 7 of 18
July 2001
APPLICATION INFORMATION
Antenna input/output
The ANT1 and ANT2 pins provide RF input to the LNA (Low Noise Amplifier) when
nRF403 is in receive mode, and RF output from the PA (Power Amplifier) when
nRF403 is in transmit mode. The antenna connection to nRF403 is differential and the
recommended load impedance at the antenna port is 400
Ω.
Figure 12 shows a typical application schematic with a differential loop antenna on a
Printed Circuit Board (PCB). The output stage (PA) consists of two open collector
transistors in a differential pair configuration. VDD to the PA must be supplied
through the collector load. When connecting a differential loop antenna to the
ANT1/ANT2 pins, VDD should be supplied through the centre of the loop antenna as
shown in Figure 12.
A single ended antenna or 50
Ω test instrument may be connected to nRF403 by using
a differential to single ended matching network (BALUN) as shown in Figure 7, 433
MHz and 315 MHz operation.
nRF403
ANT1
ANT2
RF in/out 50 ohm
18nH
470pF
2.2pF
470pF
18nH
18nH
VDD
27pF
27pF
nRF403
ANT1
ANT2
RF in/out 50 ohm
18nH
470pF
470pF
18nH
18nH
VDD
15pF
15pF
a) 315MHz
b) 433MHz
xxx
xxx
Figure 7. Connection of nRF403 to single ended antenna by using
a differential to single ended matching network for 433 and 315 MHz.
A single ended antenna may also be connected to nRF403 using an 8:1 impedance RF
transformer, both 315/433 MHz operation. The RF transformer must have a centre tap
at the primary side for VDD supply.


Similar Part No. - NRF403

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
NRF401-EVKIT ETC-NRF401-EVKIT Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
NRF401-IC ETC-NRF401-IC Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
More results

Similar Description - NRF403

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4400 TI-TRF4400 Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
TRF4400PW TI-TRF4400PW Datasheet
277Kb / 21P
[Old version datasheet]   SINGLE-CHIP 433-MHz RF TRANSMITTER
logo
Nordic Semiconductor
NRF905 NORDIC-NRF905 Datasheet
690Kb / 41P
   Single chip 433/868/915MHz Transceiver
April 2008
logo
List of Unclassifed Man...
A7108 ETC-A7108 Datasheet
906Kb / 57P
   315/433/868/915MHz FSK/GFSK Transceiver
Apr., 2011, Version 0.2
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
Abracon Corporation
ACAG1204-433-T ABRACON-ACAG1204-433-T Datasheet
2Mb / 6P
   433 MHz Ceramic Chip Antenna
07.29.2019
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com