Electronic Components Datasheet Search |
|
NM29A040EV Datasheet(PDF) 5 Page - National Semiconductor (TI) |
|
|
NM29A040EV Datasheet(HTML) 5 Page - National Semiconductor (TI) |
5 / 14 page Device Operation (Continued) BLOCK ERASE The Block Erase sequence erases a specified block (4 kB) of data Flash memory devices require that a block be in an erased state prior to writing to a memory cell In this man- ner a block must be erased prior to the recording of any messages or storage of any images TLD12475 – 7 FIGURE 4 Block Erase Sequence Functional Description ORGANIZATION The NM29A040080 are 4-Mbit and 8-Mbit devices respec- tively organized as 128256 blocks of 128 pages A block is the smallest unit that can be erased and is 4 kbytes in size Within a block are 16 rows of 8 pages each row 256 bytes long Each page is 32 bytes long Read and write operations always operate on a page at a time TLD12475 – 8 FIGURE 5 Device Organization Reading or writing data to the Serial Flash involves clocking data into or out of the data register The data register is a 32-byte wide shift register equivalent in size to one page When shifting in a full page writing to the array and then reading out the same page the first bit shifted in will be the first bit shifted out If for example only 5 bytes are shifted in written to the array and then the same page is read out 27 bytes should be shifted out before the original 5 bytes will be shifted out See Note 4 in the notifications section for an explanation of multiple page writes and masking TLD12475 – 9 FIGURE 6 Block Organization WRITE ONCE BLOCK The NM29A040 contains 127 blocks (blocks 0 thru block 126) which are fully accessible to the user for reading writ- ing and erasing The final block number 127 has been set aslde as a write once block The pages in this block may only be written to once Once the data is written it may not be erased In this manner block 127 may be used for stor- ing system configuration information that cannot be lost The NM29A080 operates in a similar manner but has 253 blocks that are fully accessible Block 254 contains the un- usable block information although this block has 256 pages as opposed to the standard 128 pages The last block is not accessible through the normal Read and Write commands Special commands for Read (D0H) and Write (F0H) are used to perform the last block opera- tions An erase operation is not available or usable on the last block DATA REGISTER The data register is a 32-byte FIFO that is used to shift data into or out of the device When a write operation is per- formed all 32 bytes are written to the currently addressed page Refer to Note 4 for how to write less than 32 bytes to a page The data register may be used as an on-chip holding area for partial page data For example if data is acquired exter- nally in 8-byte multiples the data register can be used to hold each 8-byte segment After the 4th such data segment an entire page of data will have been accumulated at which point the write command mat be issued No data may be shifted into or out of the data register while the device is busy READYBUSY OUTPUT When the Serial Flash device is selected with CS held low then the DO pin reflects the ReadyBusy state of the de- vice This is true at all times except when reading data out of the device as in the Get-Status command or the Data- Shift-Out command When the device is unselected the DO output is in a high impedance state http www nationalcom 5 |
Similar Part No. - NM29A040EV |
|
Similar Description - NM29A040EV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |