Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5SV4M16DT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NT5SV4M16DT
Description  64Mb Synchronous DRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NT5SV4M16DT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NT5SV4M16DT Datasheet HTML 1Page - List of Unclassifed Manufacturers NT5SV4M16DT Datasheet HTML 2Page - List of Unclassifed Manufacturers NT5SV4M16DT Datasheet HTML 3Page - List of Unclassifed Manufacturers NT5SV4M16DT Datasheet HTML 4Page - List of Unclassifed Manufacturers NT5SV4M16DT Datasheet HTML 5Page - List of Unclassifed Manufacturers NT5SV4M16DT Datasheet HTML 6Page - List of Unclassifed Manufacturers NT5SV4M16DT Datasheet HTML 7Page - List of Unclassifed Manufacturers NT5SV4M16DT Datasheet HTML 8Page - List of Unclassifed Manufacturers NT5SV4M16DT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
NT5SV16M4DT
NT5SV8M8DT
NT5SV4M16DT
64Mb Synchronous DRAM
REV 1.1
10/01
1
© NANYA TECHNOLOGY CORP. All rights reserved.
NANYA TECHNOLOGY CORP. reserves the right to change Products and Specifications without notice.
Features
• High Performance:
• Single Pulsed RAS Interface
• Fully Synchronous to Positive Clock Edge
• Four Banks controlled by BS0/BS1 (Bank Select)
• Programmable CAS Latency: 2, 3
• Programmable Burst Length: 1, 2, 4, 8, Full page
• Programmable Wrap: Sequential or Interleave
• Multiple Burst Read with Single Write Option
• Automatic and Controlled Precharge Command
• Data Mask for Read/Write control (x4, x8)
• Dual Data Mask for byte control (x16)
• Auto Refresh (CBR) and Self Refresh
• Suspend Mode and Power Down Mode
• Standard Power operation
• 4096 refresh cycles/64ms
• Random Column Address every CK (1-N Rule)
• Single 3.3V
± 0.3V Power Supply
• LVTTL compatible
• Package:
54-pin 400 mil TSOP-Type II
Description
The NT5SV16M4DT, NT5SV8M8DT, and NT5SV4M16DT
are four-bank Synchronous DRAMs organized as 4Mbit x 4
I/O x 4 Bank, 2Mbit x 8 I/O x 4 Bank, and 1Mbit x 16 I/O x 4
Bank, respectively. These synchronous devices achieve
high-speed data transfer rates of up to 200MHz by employing
a pipeline chip architecture that synchronizes the output data
to a system clock. The chip is fabricated with NTC’s
advanced 64Mbit single transistor CMOS DRAM process
technology.
The device is designed to comply with all JEDEC standards
set for synchronous DRAM products, both electrically and
mechanically. All of the control, address, and data input/out-
put (I/O or DQ) circuits are synchronized with the positive
edge of an externally supplied clock.
RAS, CAS, WE, and CS are pulsed signals which are exam-
ined at the positive edge of each externally applied clock
(CK). Internal chip operating modes are defined by combina-
tions of these signals and a command decoder initiates the
necessary timings for each operation. A fourteen bit address
bus accepts address data in the conventional RAS/CAS mul-
tiplexing style. Twelve row addresses (A0-A11) and two bank
select addresses (BS0, BS1) are strobed with RAS. Eleven
column addresses (A0-A9) plus bank select addresses and
A10 are strobed with CAS. Column address A9 is dropped on
the x8 device, and column addresses A8 and A9 are dropped
on the x16 device.
Prior to any access operation, the CAS latency, burst length,
and burst sequence must be programmed into the device by
address inputs A0-A11, BS0, BS1 during a mode register set
cycle. In addition, it is possible to program a multiple burst
sequence with single write cycle for write through cache oper-
ation.
Operating the four memory banks in an interleave fashion
allows random access operation to occur at a higher rate
than is possible with standard DRAMs. A sequential and gap-
less data rate of up to 200MHz is possible depending on
burst length, CAS latency, and speed grade of the device.
Simultaneous operation of both decks of a stacked device is
allowed, depending on the operation being done. Auto
Refresh (CBR) and Self Refresh operation are supported.
-6K
-7K
-7
Units
fCK
Clock
Frequency
166
133
143
133
143
MHz
tCK Clock Cycle
6
7.5
7
7.5
7
ns
CL
CAS Latency
CL=3
CL=2
CL=3
CL=2
CL=3
CKs
tAC
Clock Access
Time1
---
---
ns
tAC
Clock Access
Time
2
5.4
5.4
5.4
5.4
5.4
ns
1. Terminated load. See AC Characteristics on page 16.
2. Unterminated load. See AC Characteristics on page 16.


Similar Part No. - NT5SV4M16DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT5SV16M16AT ETC1-NT5SV16M16AT Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
NT5SV16M16AT-75B ETC1-NT5SV16M16AT-75B Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
NT5SV16M16AT-75BL ETC1-NT5SV16M16AT-75BL Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
NT5SV16M16AT-7K ETC1-NT5SV16M16AT-7K Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
NT5SV16M16AT-7KL ETC1-NT5SV16M16AT-7KL Datasheet
817Kb / 65P
   256Mb Synchronous DRAM
More results

Similar Description - NT5SV4M16DT

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTC EOREX-EM484M1644VTC Datasheet
673Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
EM484M1644VTA EOREX-EM484M1644VTA Datasheet
226Kb / 18P
   64Mb (1M횞4Bank횞16) Synchronous DRAM
EM482M3244VTB EOREX-EM482M3244VTB Datasheet
650Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
EM482M3244VTA EOREX-EM482M3244VTA Datasheet
666Kb / 17P
   64Mb (512K횞4Bank횞32) Synchronous DRAM
logo
Hynix Semiconductor
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com