Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OV6120 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # OV6120
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6120 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button OV6120 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
OV6620/OV6120
6
Version 1.11
14 May 1999
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
Figure 2. Zoom Video Port Timing
Notes:
1. Zoom Video Port format output signal includes:
VSYNC: Vertical sync pulse.
HREF: Horizontal valid data output window.
PCLK: Pixel clock used to clock valid data and CHSYNC into Zoom V Port. Default frequency is 8.86MHz when use
17.73MHz as system clock. Rising edge of PCLK is used to clock the 16 Bit data.
Y[7:0]: 8 Bit luminance data bus.
UV[7:0]: 8 Bit chrominance data bus.
2. All timing parameters are provided in Table 13. Zoom Video Port AC Parameters
VSYNC
PCLK
Y[7:0]
UV[7:0]
/
HREF
351 352
t8
t8
Even Field 1(FODD=0)
Odd Field(FODD=1)
t6
t7
t1
t2
t3
t4
Horizontal Timing
VSYNC
Y[7:0]/
UV[7:0]
Valid Data
1 Line
Tvs
Tve
t5
Tline
1
2


Similar Part No. - OV6120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV6130 ETC-OV6130 Datasheet
206Kb / 29P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
More results

Similar Description - OV6120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV6630 ETC-OV6630 Datasheet
206Kb / 29P
   SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
   OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
logo
Pixart Imaging Inc.
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
   PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
OV7910 ETC-OV7910 Datasheet
247Kb / 18P
   SINGLE-CHIP CMOS COLOR PAL CAMERA
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
   CMOS COLOR DIGITAL VIDEO CAMERA
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
ICM532B ETC1-ICM532B Datasheet
302Kb / 15P
   CIF Color CMOS Sensor with USB Output
logo
Pixart Imaging Inc.
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
STMicroelectronics
VS6451 STMICROELECTRONICS-VS6451_07 Datasheet
1Mb / 4P
   Ultra small CIF reflowable camera module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com