Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI6925ADQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI6925ADQ
Description  Dual N-Channel 2.5-V (G-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6925ADQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6925ADQ Datasheet HTML 1Page - Vishay Siliconix SI6925ADQ Datasheet HTML 2Page - Vishay Siliconix SI6925ADQ Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPICE Device Model Si6925ADQ
Vishay Siliconix
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
Document Number: 72663
www.vishay.com
23-May-04
1
Dual N-Channel 2.5-V (G-S) MOSFET
CHARACTERISTICS
• N-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n-channel vertical DMOS.
The subcircuit
model is extracted and optimized over the
−55 to 125°C
temperature ranges under the pulsed 0 to 5V gate drive. The
saturated output impedance is best fit at the gate bias near the
threshold voltage.
A novel gate-to-drain feedback capacitance network is used to
model the gate charge characteristics while avoiding convergence
difficulties of the switched Cgd model. All model parameter values
are optimized to provide a best fit to the measured electrical data
and are not intended as an exact physical interpretation of the
device.
SUBCIRCUIT MODEL SCHEMATIC


Similar Part No. - SI6925ADQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6925ADQ VISHAY-SI6925ADQ Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
SI6925ADQ VISHAY-SI6925ADQ Datasheet
110Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6925ADQ-T1-GE3 VISHAY-SI6925ADQ-T1-GE3 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
logo
VBsemi Electronics Co.,...
SI6925ADQ-T1-GE3 VBSEMI-SI6925ADQ-T1-GE3 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI6925ADQ VISHAY-SI6925ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results

Similar Description - SI6925ADQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com