Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE26V12H-15PI Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # PALCE26V12H-15PI
Description  28-Pin EE CMOS Versatile PAL Device
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE26V12H-15PI Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button PALCE26V12H-15PI Datasheet HTML 6Page - Advanced Micro Devices PALCE26V12H-15PI Datasheet HTML 7Page - Advanced Micro Devices PALCE26V12H-15PI Datasheet HTML 8Page - Advanced Micro Devices PALCE26V12H-15PI Datasheet HTML 9Page - Advanced Micro Devices PALCE26V12H-15PI Datasheet HTML 10Page - Advanced Micro Devices PALCE26V12H-15PI Datasheet HTML 11Page - Advanced Micro Devices PALCE26V12H-15PI Datasheet HTML 12Page - Advanced Micro Devices PALCE26V12H-15PI Datasheet HTML 13Page - Advanced Micro Devices PALCE26V12H-15PI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AMD
2–315
PALCE26V12H-7/10 (Com’l), H-10 (Ind)
CAPACITANCE (Note 1)
Parameter
Symbol
Parameter Description
Test Conditions
Typ
Unit
CIN
Input Capacitance
VIN = 0 V
VCC = 5.0 V
5
COUT
Output Capacitance
VOUT = 0 V
f = 1 MHz
8
TA = +25
°C
pF
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified
where capacitance may be affected.
SWITCHING CHARACTERISTICS over COMMERCIAL and INDUSTRIAL operating ranges
(Note 2)
Parameter
Symbol
Parameter Description
Min
Max
Min
Max
Unit
tPD
Input or Feedback to Combinatorial Output
7.5
10
ns
tS1
Setup Time from Input or Feedback
3.5
5
ns
tS2
Setup Time from SP to Clock
4.5
5
ns
tH
Hold Time
0
0
ns
tCO
Clock to Output
6
9
ns
tAR
Asynchronous Reset to Registered Output
11
13
ns
tARW
Asynchronous Reset Width
6
8
ns
tARR
Asynchronous Reset Recovery Time
5
8
ns
tSPR
Synchronous Preset Recovery Time
5
8
ns
tWL
LOW
3.5
4
ns
tWH
HIGH
3.5
4
ns
fMAX
External Feedback
1/(tS + tCO)
105.3
71.4
MHz
Internal Feedback (fCNT)
1/(tS + tCF)
125
105
MHz
tEA
Input to Output Enable Using Product Term Control
8
10
ns
tER
Input to Output Disable Using Product Term Control
7.5
10
ns
Maximum
Frequency
(Notes 3 and 4)
-7
Clock Width
Notes:
2. See Switching Test Circuit for test conditions.
3. These parameters are not 100% tested, but are calculated at initial characterization and at any time the design is modified
where frequency may be affected.
4. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) – tS.
-10


Similar Part No. - PALCE26V12H-15PI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PALCE20V8 AMD-PALCE20V8 Datasheet
235Kb / 16P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
More results

Similar Description - PALCE26V12H-15PI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com