Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4302-00 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # 4302-00
Description  50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4302-00 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button 4302-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4302-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4302-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4302-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4302-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4302-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4302-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 4302-00 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 4302-00 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Product Specification
PE4302
Page 7 of 11
Document No. 70/0056~02D
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
The Digital Attenuator Evaluation Kit board was
designed to ease customer evaluation of the
PE4302 Digital Step Attenuator.
J9 is used in conjunction with the supplied DC
cable to supply VDD, GND, and –VDD. If use of
the internal negative voltage generator is desired,
then connect –VDD (Black banana plug) to
ground. If an external –VDD is desired, then apply
-3V.
J1 should be connected to the parallel port of a
PC with the supplied ribbon cable. The evaluation
software is written to operate the DSA in serial
mode, so Switch 7 (P/S) on the DIP switch SW1
should be ON with all other switches off. Using the
software, enable or disable each attenuation
setting to the desired combined attenuation. The
software automatically programs the DSA each
time an attenuation state is enabled or disabled.
To evaluate the Power Up options, first disconnect
the parallel ribbon cable from the evaluation
board. The parallel cable must be removed to
prevent the PC parallel port from biasing the
control pins.
During power up with P/S=1 high and LE=0 or P/
S=0 low and LE=1, the default power-up signal
attenuation is set to the value present on the six
control bits on the six parallel data inputs (C0.5 to
C16). This allows any one of the 64 attenuation
settings to be specified as the power-up state.
During power up with P/S=0 high and LE=0, the
control bits are automatically set to one of four
possible values presented through the PUP
interface. These four values are selected by the
two power-up control bits, PUP1 and PUP2, as
shown in the Table 6.
Resistor on Pin 1 & 3
A 10 k
Ω resistor on the inputs to Pin 1 & 3 (Figure
16) will eliminate package resonance between the
RF input pin and the two digital inputs. Specified
attenuation error versus frequency performance is
dependent upon this condition.
Figure 15. Evaluation Board Layout
Figure 16. Evaluation Board Schematic
Z=50 Ohm
PUP2
J5
SMA
1
C2
C16
CLK
100 pF
DATA
C4
C0.5
10k
10k
C8
Z=50 Ohm
PUP1
PS
C1
VDD
U1
MLPQ4X4
1
2
3
4
5
11
12
13
14
15
C16
RFin
DATA
CLK
LE
GND
Vss/GND
PS
RFout
C8
LE
J4
SMA
1
Note: Resistors on pins 1 and 3 are required to avoid package
resonance and meet error specifications over frequency.


Similar Part No. - 4302-00

ManufacturerPart #DatasheetDescription
logo
API Delevan
4302-102K API-4302-102K Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
4302-103K API-4302-103K Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
4302-121K API-4302-121K Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
4302-122K API-4302-122K Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
4302-123K API-4302-123K Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
More results

Similar Description - 4302-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
Tyco Electronics
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302_07 Datasheet
311Kb / 6P
   50 ohm RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com