Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9702B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PS9702B
Description  6Ch, 24bit, 192kHz Digital Audio Processor for Full Digital Amplifier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS9702B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PS9702B Datasheet HTML 5Page - List of Unclassifed Manufacturers PS9702B Datasheet HTML 6Page - List of Unclassifed Manufacturers PS9702B Datasheet HTML 7Page - List of Unclassifed Manufacturers PS9702B Datasheet HTML 8Page - List of Unclassifed Manufacturers PS9702B Datasheet HTML 9Page - List of Unclassifed Manufacturers PS9702B Datasheet HTML 10Page - List of Unclassifed Manufacturers PS9702B Datasheet HTML 11Page - List of Unclassifed Manufacturers PS9702B Datasheet HTML 12Page - List of Unclassifed Manufacturers PS9702B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
PULSUS
PS9702B
Copyright © 2000-2003, Pulsus Technologies Inc.
9
2003 REV1.2
Control Interface Protocol
1. I2C Control Interface
The pin SPI/I2C selects the control interface method. When the pin SPI/I2C is grounded, the control
interface method is I
2C interface.
The I
2C slave address can be varied using two I2C slave address setting pin, I2C_AD0 and I2C_AD2.
The base slave address is 0x38 with I2C_AD0 and I2C_AD2 pin grounded. Figure below shows you the
configuration of slave address.
Start
Condition
SCL
I2C_AD2
I2C_AD0
SDA
AD2
AD0
0111
0
R/W ACK
Slave Address (7 bit)
I2C_AD2
I2C_AD0
PS9702B Slave Address
0
0
0x38 (0b0111000)
0
1
0x39 (0b0111001)
1
0
0x3C (0b0111100)
1
1
0x3D (0b0111101)
The control registers has 8-bit address space and 16-bit or 24-bit data length. If the upper two bits of
register address are all HIGH, 11xx xxxx, then the data length will be three bytes (24 bits). The other case,
the data length will be two bytes (16 bits).
The I
2C control protocol diagram is in the next page.


Similar Part No. - PS9702B

ManufacturerPart #DatasheetDescription
logo
NEC
PS9701 NEC-PS9701 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9701 CEL-PS9701 Datasheet
60Kb / 6P
   HIGH SPEED DIGITAL OUTPUT TYPE SOP OPTOCOUPLER
logo
NEC
PS9701-E3 NEC-PS9701-E3 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9701-E3 CEL-PS9701-E3 Datasheet
60Kb / 6P
   HIGH SPEED DIGITAL OUTPUT TYPE SOP OPTOCOUPLER
logo
NEC
PS9701-E4 NEC-PS9701-E4 Datasheet
86Kb / 12P
   HIGH SPEED DIGITAL OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS9702B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
   High Feature 192kHz 24bit Digital Audio Interface Transceiver
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
   HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
AK4118A AKM-AK4118A Datasheet
690Kb / 56P
   High Feature 192kHz 24bit Digital Audio I/F Transceiver
logo
Texas Instruments
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
logo
Asahi Kasei Microsystem...
AKD4113-B AKM-AKD4113-B Datasheet
330Kb / 21P
   192kHz digital audio receiver
logo
Texas Instruments
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
[Old version datasheet]   192kHz Digital Audio Transmitter
logo
Asahi Kasei Microsystem...
AKD4116-B AKM-AKD4116-B Datasheet
235Kb / 19P
   192kHz digital audio receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com