Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI91846DT-285-T1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI91846DT-285-T1
Description  150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91846DT-285-T1 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI91846DT-285-T1 Datasheet HTML 1Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 2Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 3Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 4Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 5Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 6Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 7Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 8Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SD
3
2
Thin SOT-23, 6-Lead
1
4
6
VIN
GND
VOUT
BP
5
ERROR
Si91845/6
Vishay Siliconix
www.vishay.com
4
Document Number: 71733
S-40591—Rev. B, 29-Mar-04
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Name
Function
1
VIN
Input supply pin. Bypass this pin with a 1-mF ceramic or tantalum capacitor to ground
2
GND
Ground pin. For better thermal capability, directly connected to large ground plane
3
SD
By applying less than 0.4 V to this pin, the device will be turned off. Connect this pin to
VIN if unused
4
BP
Noise bypass pin. For low noise applications, a 0.01 mF ceramic capacitor should be
connected from this pin to ground.
5
ERROR
The open drain output is an error flag output which goes low when VOUT drops 4%
below its nominal voltage.
6
VOUT
Output voltage. Connect COUT between this pin and ground.
ORDERING INFORMATIONSi91845
Part Number
Lead (Pb)-Free
Part Number
Marking Voltage
Temperature
Range
Package
Si91845DT-18-T1
Si91845DT-18-T1—E3
G0LL
1.8
Si91845DT-20-T1
Si91845DT-20-T1—E3
H1LL
2.0
Si91845DT-22-T1
Si91845DT-22-T1—E3
H2LL
2.2
Si91845DT-25-T1
Si91845DT-25-T1—E3
H3LL
2.5
Si91845DT-26-T1
Si91845DT-26-T1—E3
H4LL
2.6
Si91845DT-27-T1
Si91845DT-27-T1—E3
H5LL
2.7
Si91845DT-28-T1
Si91845DT-28-T1—E3
H6LL
2.8
−40 to 85_C
Thin SOT23-6
Si91845DT-285-T1
Si91845DT-285—E3
H7LL
2.85
−40 to 85_C
Thin SOT23-6
Si91845DT-29-T1
Si91845DT-29-T1—E3
H8LL
2.9
Si91845DT-30-T1
Si91845DT-30-T1—E3
H9LL
3.0
Si91845DT-33-T1
Si91845DT-33-T1—E3
H0LL
3.3
Si91845DT-35-T1
Si91845DT-35-T1—E3
I1LL
3.5
Si91845DT-36-T1
Si91845DT-36-T1—E3
I2LL
3.6
Si91845DT-50-T1
Si91845DT-50-T1—E3
I3LL
5.0
Note: LL = Lot Code
ORDERING INFORMATIONSi91846
Part Number
Lead (Pb)-Free
Part Number
Marking Voltage
Temperature
Range
Package
Si91846DT-18-T1
Si91846DT-18-T1—E3
I4LL
1.8
Si91846DT-20-T1
Si91846DT-20-T1—E3
I5LL
2.0
Si91846DT-22-T1
Si91846DT-22-T1—E3
I6LL
2.2
Si91846DT-25-T1
Si91846DT-25-T1—E3
I7LL
2.5
Si91846DT-26-T1
Si91846DT-26-T1—E3
I8LL
2.6
Si91846DT-27-T1
Si91846DT-27-T1—E3
I9LL
2.7
Si91846DT-28-T1
Si91846DT-28-T1—E3
I0LL
2.8
−40 to 85_C
Thin SOT23-6
Si91846DT-285-T1
Si91846DT-285-—E3
J1LL
2.85
−40 to 85_C
Thin SOT23-6
Si91846DT-29-T1
Si91846DT-29-T1—E3
J2LL
2.9
Si91846DT-30-T1
Si91846DT-30-T1—E3
J3LL
3.0
Si91846DT-33-T1
Si91846DT-33-T1—E3
J4LL
3.3
Si91846DT-35-T1
Si91846DT-35-T1—E3
J5LL
3.5
Si91846DT-36-T1
Si91846DT-36-T1—E3
J6LL
3.6
Si91846DT-50-T1
Si91846DT-50-T1—E3
J7LL
5.0
Note: LL = Lot Code


Similar Part No. - SI91846DT-285-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

Similar Description - SI91846DT-285-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com