Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTS0072B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RTS0072B
Description  VOICE CHANGER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTS0072B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RTS0072B Datasheet HTML 1Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 2Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 3Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 4Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 5Page - List of Unclassifed Manufacturers RTS0072B Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
V1.0
Aug/21/1998
RTS0072B
4
ELECTRICAL CHARACTERISTICS
Pin No. Designation
Description
1
WOSCI
Write (sampling) oscillator input pin.
2
WOSCO Write (sampling) oscillator output pin.
3,4
S1,S2
Output tone select pins; these pins define the output tone
frequency. Selection table is as follows:
S1
0
0
1
1
S2
0
1
0
1
Output
L
H
VL
VH
*freq
800Hz 1333Hz 660Hz 2KHz
* Input Frequency 1KHz
5
SEL
The voice effect are adjusted by variable resistor if this pin is
connected to GND.
6
NRL
Amplifying voice effect is selected if this pin is connected to GND.
Transposing voice effect is selected if this pin is floating.
7
ROB
Robot voice effect is selected if this pin is connected to GND.
8
ROSCI
Read (re-arranging) oscillator input pin.
9
ROSCO
Read (re-arranging) oscillator output pin.
10
DAT
This pin is for internal use. (For testing only)
11
VDD
Positive power supply.
12
AVDD
Analog positive power supply.
13
IN
Audio signal input pin.
14
AVSS
Analog positive power supply.
15
VSS
Negative power supply.
16
RDOUT
Audio signal output pin.


Similar Part No. - RTS0072B

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
RTS MSYSTEM-RTS Datasheet
119Kb / 4P
   Plug-in Signal Conditioners M-UNIT
logo
Schurter Inc.
RTS SCHURTER-RTS Datasheet
678Kb / 4P
   SMD thermal fuse for high currents
04.01.2022
logo
Recom International Pow...
RTS-0505 RECOM-RTS-0505 Datasheet
115Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RTS-0505 RECOM-RTS-0505 Datasheet
97Kb / 3P
   2 Watt SMD Single & Dual Output
RTS-0505 RECOM-RTS-0505 Datasheet
109Kb / 3P
   2 Watt SMD Single & Dual Output
More results

Similar Description - RTS0072B

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AB412-R ASSMANN-AB412-R Datasheet
97Kb / 1P
   Mini Gender Changer
AB414-R ASSMANN-AB414-R Datasheet
106Kb / 1P
   Mini Gender Changer
AB418-R ASSMANN-AB418-R Datasheet
104Kb / 1P
   Mini Gender Changer
logo
Adam Technologies, Inc.
MGC-25S-25S-JS-JS ADAM-TECH-MGC-25S-25S-JS-JS Datasheet
103Kb / 1P
   MINI GENDER CHANGER
logo
Assmann Electronics Inc...
AB411-R ASSMANN-AB411-R Datasheet
90Kb / 1P
   Mini Gender Changer
AB410-R ASSMANN-AB410-R Datasheet
104Kb / 1P
   Mini Gender Changer
AB413-R ASSMANN-AB413-R Datasheet
95Kb / 1P
   Mini Gender Changer
AB415-R ASSMANN-AB415-R Datasheet
98Kb / 1P
   Mini Gender Changer
AB420-R ASSMANN-AB420-R Datasheet
101Kb / 1P
   Mini Gender Changer
logo
Sony Corporation
CDX-424RF SONY-CDX-424RF Datasheet
819Kb / 7P
   COMPACT DISC CHANGER SYSTEM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com