Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTC-63421M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RTC-63421M
Description  4-bit MULTIFUNCTIONAL REAL TIME CLOCK MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTC-63421M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RTC-63421M Datasheet HTML 1Page - List of Unclassifed Manufacturers RTC-63421M Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
57
Real time clock module
Specifications (characteristics)
Absolute Max. rating
Operating range
Frequency characteristics and current consumption
characteristics
External dimensions
Terminal connection
(Unit: mm)
RTC-63421/63421M
1
18
2
17
3
16
4
15
5
14
6
13
7
12
8
11
9
10
RTC63421 A
EPSON 6051A
RTC63423 A
EPSON 6100
(VDD) is to be same level as VDD. Do not connect it to any external terminals.
NC is not connected internally.
1
24
2
23
3
22
4
21
5
20
6
19
7
18
8
17
9
16
10
15
11
14
12
13
RTC-63423
RTC-63421/63421M
RTC-63423
∗ 1=63421M
∗ 2=Motorola
bus system
23.1 max.
2.8 max.
0.05 min.
7.62
0.25
16.3 max.
1.0
Unless otherwise stated, characteristics (specifications) shown in the above table are
based on the rated operating temperature and voltage condition.
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
INTERRUPT
CS0
ALE
A0
A1
A2
A3
RD (E
∗1)
GND
WR (R/W
∗1)
D3
D2
D1
D0
CS1
(VDD)
(VDD)
VDD
INTERRUPT
CS0
ALARM
ALE
A0
30sec.Adj
A1
68/80
A2
A3
RD (E
∗2)
GND
WR(R/W
∗2)
D3
D2
D1
1HZ
D0
CS1
STOP/ START
NC
(VDD)
(VDD)
VDD
63421/63421M
90
° to
105
°
0
° to
10
°
63423
4-bit MULTIFUNCTIONAL REAL TIME CLOCK MODULE
RTC-63421/63421M/63423
Builtin crystal unit allows adjustment-free efficient operation.
Alarm interruption of sec. to month and day of week possible.
Provided with microcomputer compatible bus interface.
Standard signal output selectable in a range of 10min. to 1024 Hz.
Either sec. to hour and day of week or sec. to year and day of week is selectable.
Reference area of time /alarm register is setabil. Provided with RAM bits.
(marked on “
∗” which is shown resister table)
Provided with START/STOP 30 second adjusting function.
Similar mounting method (RTC-63423) to the used for normal type SMD IC.
Item
Power source voltage
Input voltage
storage temperature
Soldering condition
Symbol
VDD
VIN
TSTG
TSOL
Condition
Ta=25˚C
Ta=25˚C
RTC-63421
RTC-63421M
RTC-63423
RTC-63421
RTC-63421M
RTC-63423
Specifications
-0.3 to 7.0
-0.3 to VDD+0.3
-55 to +85
-55 to +125
Under 260˚C within 10 sec.
(lead part) (package should
be less than 150˚C)
Twice at under 260˚C within
10 sec. or under 230˚C
within 3 min.
Unit
V
˚C
Item
Operating voltage
Operating temperature
Data holding voltage
CS data holding time
Operation restoring time
Symbol
VDD
TOPR
VDH
tCDR
tR
Condition
-------
Refer to the data
holding timing
Specifications
4.5 to 5.5
-40 to +85
2.0 to 5.5
2.0 min.
Unit
V
˚C
V
µs
Item
Frequency tolerance
Frequency temperature
characteristics
Aging
Shock resistance
Current consumption
Symbol
∆f/fo
fa
S.R.
IDD 1
IDD 2
Ta=25˚C
VDD=5V
63421A/63421MA
63421B/63421MB
63423 A
63423
Condition
Three drops on a
hard board from 75 cm
or 3000G x 0.3ms x
1/2 sine wave x 3 directions
CS 1=0V
VDD=5V
VDD=2V
Specifications
+15/-5 (5±10)
+55/-45 (5±50)
+25/-15 (5±20)
+55/-45 (5±50)
+10/-120
+10/-220
±5 max.
±10 max.
30max.
1.8 max.
Unit
ppm
ppm/Y
ppm
µA
-10 to +70˚C
(25˚C reference temperature)
-30 to +85˚C
(25˚C reference temperature)
VDD=5V, Ta=25˚C,
first year
Model
RTC-63421
RTC-63421M
RTC-63423
Applicable CPU
Intel bus system
Motorola bus system
“MOTEL” bus system
Actual size


Similar Part No. - RTC-63421M

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RTC-63421M EPSONTOYOCOM-RTC-63421M Datasheet
413Kb / 2P
   Real time clock
More results

Similar Description - RTC-63421M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson Company
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
   Real time clock module(4-bit REAL TIME CLOCK MODULE)
RTC62421 EPSON-RTC62421 Datasheet
73Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-7301SF EPSON-RTC-7301SF Datasheet
104Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-7301SF EPSON-RTC-7301SF_15 Datasheet
268Kb / 2P
   REAL TIME CLOCK MODULE (4-bit)
RTC-72421 EPSON-RTC-72421_15 Datasheet
292Kb / 2P
   REAL TIME CLOCK MODULE (4-bit)
logo
List of Unclassifed Man...
RTC72421 ETC-RTC72421 Datasheet
634Kb / 2P
   4-bit REAL TIME CLOCK MODULE
logo
Epson ToYoCom
RTC-7301SF EPSONTOYOCOM-RTC-7301SF Datasheet
366Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-62421 EPSONTOYOCOM-RTC-62421 Datasheet
286Kb / 2P
   4-bit REAL TIME CLOCK MODULE
RTC-72421 EPSONTOYOCOM-RTC-72421 Datasheet
287Kb / 2P
   4-bit REAL TIME CLOCK MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com