Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7893HL Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7893HL
Description  Super audio media player
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7893HL Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7893HL Datasheet HTML 7Page - NXP Semiconductors SAA7893HL Datasheet HTML 8Page - NXP Semiconductors SAA7893HL Datasheet HTML 9Page - NXP Semiconductors SAA7893HL Datasheet HTML 10Page - NXP Semiconductors SAA7893HL Datasheet HTML 11Page - NXP Semiconductors SAA7893HL Datasheet HTML 12Page - NXP Semiconductors SAA7893HL Datasheet HTML 13Page - NXP Semiconductors SAA7893HL Datasheet HTML 14Page - NXP Semiconductors SAA7893HL Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Philips Semiconductors
SAA7893HL
Super audio media player
Product data
Rev. 02 — 26 February 2003
11 of 66
9397 750 10925
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
Explanation of input and output ports:
IN: digital input port; all dedicated inputs are TTL tolerant.
IN1: digital input port with internal pull-up resistor.
I/O10: bidirectional port with 10 ns slew rate.
O10: 3-state (in test mode) output port with 10 ns slew rate.
APIO: analog input port.
VDDCO: analog VDD port (1.8 V).
VSSCO: analog VSS port.
GND_IO: ground for I/O pads.
VCC_IO: VCC for I/O pads (3.3 V).
GND_core: ground for core.
VCC_core: VCC for core (1.8 V).
7.
Interfaces
7.1 Host interface
Different types of host busses are supported:
Separate address/data bus with 16-bit data bus (3 different modes)
Multiplexed address/data bus with 16-bit data bus (2 different modes)
Separate address/data bus with 8-bit data bus (1 mode).
The host interface type is set via the dedicated pins H_sel and sys_clk. The
SAA7893HL has a dedicated interrupt output pin.
7.2 Front-end interface
7.2.1
Data input interface
The SAA7893HL supports three different front-end interfaces which are selectable
via the host interface:
I2S-bus interface: the front-end interface is in essence an I2S-bus interface and
therefore, it has to conform to the I2S-bus specification.
FEC interface
DSD_PCM_10
119
O10
2-channel data output
DSD_PCM_9
120
O10
2-channel clock or control
DSD_PCM_11
121
O10
2-channel data output
RESETn
122
IN
asynchronous reset; active LOW
H_A_sel
123
IN
address select
H_A[6]
124
IN
address bus
H_A[5]
125
IN
address bus
H_A[4]
126
IN
address bus
H_A[3]
127
IN
address bus
H_A[2]
128
IN
address bus
Table 2:
Pin description…continued
Symbol
Pin
Type[1]
Description


Similar Part No. - SAA7893HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7806 NXP-SAA7806 Datasheet
348Kb / 73P
   One chip automotive CD audio device
Rev. 01-20 June 2005
SAA7806H NXP-SAA7806H Datasheet
348Kb / 73P
   One chip automotive CD audio device
Rev. 01-20 June 2005
SAA7811HL PHILIPS-SAA7811HL Datasheet
86Kb / 20P
   Single-chip DVD-ROM
1999 Oct 05
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
SAA7824 PHILIPS-SAA7824 Datasheet
378Kb / 89P
   CD audio decoder, digital servo and filterless DAC with integrated pre-amp and laser control (PhonIC)
2003 Oct 01
More results

Similar Description - SAA7893HL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
586240100-3 ETC2-586240100-3 Datasheet
380Kb / 3P
   Networkable Media Player
logo
Advantech Co., Ltd.
USM-210 ADVANTECH-USM-210 Datasheet
581Kb / 2P
   4 HDMI Multi-Media Signage Player
11-Sep-2020
DSA-2020SA ADVANTECH-DSA-2020SA Datasheet
385Kb / 2P
   Solid-state Network Digital Signage Media Player
logo
List of Unclassifed Man...
TCC76 ETC2-TCC76 Datasheet
2Mb / 259P
   32-bit RISC Microprocessor For Digital Media Player
TCC720 ETC2-TCC720 Datasheet
2Mb / 143P
   32-bit RISC Microprocessor For Digital Media Player
logo
SparkFun Electronics
DEV-14006 SPARKFUN-DEV-14006 Datasheet
1Mb / 3P
   SparkFun Little Soundie Audio Player
4??0??8
logo
List of Unclassifed Man...
ALS300 ETC2-ALS300 Datasheet
240Kb / 66P
   Media Audio Controller SPEC
logo
Rohm
BU8903GU ROHM-BU8903GU Datasheet
396Kb / 6P
   Audio music player for cellular phone
logo
STMicroelectronics
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
   Audio player evaluation board based on ST7Lite
logo
Rohm
BA3963 ROHM-BA3963 Datasheet
96Kb / 9P
   System power supply for CD player equipped audio systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com