Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6841S Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SG6841S
Description  High-integrated Green-mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG6841S Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SG6841S Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 9Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 10Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 11Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 12Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 13Page - List of Unclassifed Manufacturers SG6841S Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product Specification
High-integrated Green-mode PWM Controller
SG6841
©System General Corp.
- 11 -
www.sg.com.tw
Version 1.7 (IRO33.0001.B1)
JUL.25,2003
REFERENCE CIRCUIT
Circuit
BOM
Reference
Component
Reference
Component
BD1
BD 4A/600V
R1,R2
R 1Mohm 1/4W
C1
XC 0.1uF/275V
R3
R 100Kohm 1/2W
C2
XC 0.22uF/275V
R4
R 47ohm 1/4W
C3
CC 0.01uF/500V
R5,R7
R 750Kohm 1/4W
C4
EC 120u/400V
R6
R 20Kohm 1/8W
C5
YC 222p/Y1
R8
R 0.3ohm 2W
C6
CC 1000pF/100V
R9
R 33Kohm 1/8W
C7
CC 1000pF/50V
R9
R 20Kohm 1/8W 1%
C8
EC 1000uF/35V
R11
R 220ohm 1/8W
C9
EC 220uF/35V
R12
R 4.7ohm 1/8W
D1
LED
R13
R 6.8Kohm 1/8W
D2
Diode FR157
R14
R 154Kohm 1/8W
D3
ZD 18V
R15
R 390Kohm 1/8W
D4
Diode FR102
THER1
Thermistor SCK054
F1
FUSE 4A/250V
T1
Transformer
L1
900uH
U1
IC SG6841
L2
15mH
U2
IC PC817
Q1
Diode 20A100V
U3
IC TL431
Q2
MOS 7A/600V
VZ1
VZ 9G
Vo+
Vo+
R7
R1
1,2
3
4
5
6,7
8,9
1,2
3
4
5
6,7
8,9
C1
VZ1
F1
R11
U1
SG6841
1
2
3
4
5
6
7
8
GND
FB
VIN
RI
RT
SENSE
VDD
GATE
+
C9
BD1
1
4
R4
U2
1
2
3
4
+
C4
R3
D4
2
1
R10
R8
CN1
1
2
3
C5
R9
+
C7
C6
L3
1
2
L1
1
2
3
4
R14
R15
R2
C10
R13
U3
1
+
C8
C2
Q1
1
3
2
R5
D3
D1
R12
D2
L2
1
2
3
4
Q2
1
R6
THER1
1
2
C3
THER2


Similar Part No. - SG6841S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6841SZ FAIRCHILD-SG6841SZ Datasheet
52Kb / 1P
   Highly-Integrated Green-Mode PWM Controller
SG6841SZ3 FAIRCHILD-SG6841SZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
More results

Similar Description - SG6841S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6841SZ3 FAIRCHILD-SG6841SZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
SG6841DZ3 FAIRCHILD-SG6841DZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
SG6741A FAIRCHILD-SG6741A Datasheet
557Kb / 12P
   Highly Integrated Green-Mode PWM Controller
SG6846A FAIRCHILD-SG6846A_08 Datasheet
476Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com