Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC9504 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC9504
Description  2ch. Step-up / Inverting DC/DC Controller ICs
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9504 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC9504 Datasheet HTML 3Page - Torex Semiconductor XC9504 Datasheet HTML 4Page - Torex Semiconductor XC9504 Datasheet HTML 5Page - Torex Semiconductor XC9504 Datasheet HTML 6Page - Torex Semiconductor XC9504 Datasheet HTML 7Page - Torex Semiconductor XC9504 Datasheet HTML 8Page - Torex Semiconductor XC9504 Datasheet HTML 9Page - Torex Semiconductor XC9504 Datasheet HTML 10Page - Torex Semiconductor XC9504 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
Notes
1)
2)
3)
4)
Typical Application Circuit
XC9504B Series
XC9504 Series
2ch. Step-up / Inverting DC/DC Controller ICs
Although the IC's step-up operations start from a VDD of 0.8V, the output voltage and switching frequency are stabilized at VDD
≥ 2.0V. Therefore, a VDD of more than 2.0V is recommended when VDD is supplied from VIN or other power sources.
Although the IC's switching operations start from a VIN of 0.9V, the IC's power supply pin (VDD) and output voltage monitor pin
(FB1) should be connected to VOUT1. With operations from VIN=0.9V, the 2nd channel's (output 2) EN2 pin should be set to
chip disable. Once ouput voltage VOUT1 is more than 2.0V, the EN2 pin should be set to chip enable.
Please be careful not to exceed the breakdown voltage level of the peripheral parts.
EFFI={ [ (Output voltage) x (Output current) ] / [ (Input voltage) x (Input Current) ] } x 100
L1
Tr2
CIN
Tr1
L2
VPWM1
VPW M2
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2/ 10
4 PWM1 PW M2 7
5 EN1
EN2 6
VEN2
VEN1
CDD
SD2
RFB11
RFB12
CFB1
VOUT1
SD1
CL1
RFB21
CFB21
VOUT2
CL2
RFB22
VIN
7


Similar Part No. - XC9504

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9504B092CAL TOREX-XC9504B092CAL Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9504B092CAR TOREX-XC9504B092CAR Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9504B092CDL TOREX-XC9504B092CDL Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9504B092CDR TOREX-XC9504B092CDR Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
More results

Similar Description - XC9504

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9501 TOREX-XC9501 Datasheet
381Kb / 24P
   2ch. Step-up DC/DC Controller ICs.
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com