Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP6A17GTC Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXMP6A17GTC
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A17GTC Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXMP6A17GTC Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A17GTC Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A17GTC Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A17GTC Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A17GTC Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A17GTC Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A17GTC Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMP6A17G
SEMICO NDUC TORS
ISSUE 1 - MAY 2005
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS
STATIC
Drain-Source Breakdown Voltage
V
(BR)DSS
-60
V
I
D=-250µA, VGS=0V
Zero Gate Voltage Drain Current
I
DSS
-1
AV
DS=-60V, VGS=0V
Gate-Body Leakage
I
GSS
100
nA
V
GS=
20V, V
DS=0V
Gate-Source Threshold Voltage
V
GS(th)
-1.0
V
I
D
=-250 A, V
DS=VGS
Static Drain-Source On-State
Resistance
(1)
R
DS(on)
0.125
0.190
V
GS=-10V, ID=-2.2A
V
GS=-4.5V, ID=-1.8A
Forward Transconductance
(1)(3)
g
fs
4.7
S
V
DS=-15V,ID=-2.2A
DYNAMIC
(3)
Input Capacitance
C
iss
637
pF
V
DS=-30V, VGS=0V,
f=1MHz
Output Capacitance
C
oss
70
pF
Reverse Transfer Capacitance
C
rss
53
pF
SWITCHING
(2) (3)
Turn-On Delay Time
t
d(on)
2.6
ns
V
DD =-30V, ID=-1A
R
G
6.0
, V
GS=-10V
Rise Time
t
r
3.4
ns
Turn-Off Delay Time
t
d(off)
26.2
ns
Fall Time
t
f
11.3
ns
Gate Charge
Q
g
9.8
nC
V
DS=-30V,VGS=-5V,
ID=-2.2A
Total Gate Charge
Q
g
17.7
nC
V
DS=-30V,VGS=-10V,
ID=-2.2A
Gate-Source Charge
Q
gs
1.6
nC
Gate-Drain Charge
Q
gd
4.4
nC
SOURCE-DRAIN DIODE
Diode Forward Voltage
(1)
V
SD
-0.85
-0.95
V
T
J=25 C, IS=-2A,
V
GS=0V
Reverse Recovery Time
(3)
t
rr
25.1
ns
T
J=25 C, IF=-1.7A,
di/dt= 100A/ s
Reverse Recovery Charge
(3)
Q
rr
27.2
nC
ELECTRICAL CHARACTERISTICS (at TA = 25°C unless otherwise stated)
NOTES
(1) Measured under pulsed conditions. Width
300µ s. Duty cycle
2% .
(2) Switching characteristics are independent of operating junction temperature.
(3) For design aid only, not subject to production testing.


Similar Part No. - ZXMP6A17GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17GTC DIODES-ZXMP6A17GTC Datasheet
473Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMP6A17GTC VBSEMI-ZXMP6A17GTC Datasheet
954Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - ZXMP6A17GTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com