Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2221C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ST2221C
Description  16 BIT CONSTANT CURRENT LED DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2221C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ST2221C Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 9Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 10Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 11Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 12Page - List of Unclassifed Manufacturers ST2221C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ST2221C
16-Bit Constant Current LED Drivers
-8-
Version:1.01
Timing Diagram
1. CLOCK-SERIAL-IN, SERIAL-OUT, OUTn
2. CLOCK-LATCH
3. ENABLE-OUTn
50%
“L”level = DATA HOLD
SERIAL-IN
LATCH
CLOCK
tsetup(L)
50%
thold(L)
50%
50%
50%
50%
50%
tpHL
tpLH
OUTn
ENABLE
thold
tsetup
50%
50%
90%
50%
50%
10%
10%
50%
90%
SERIAL-IN
OUTn (current)
CLOCK
twCLK
tf
tr
90%
50%
10%
10%
50%
90%
tof
tpHL
tpLH
tor
twCLK
SERIAL-OUT
50%
50%
50%
tpLH
tpHL


Similar Part No. - ST2221C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
   5V CMOS Compatible Input
More results

Similar Description - ST2221C

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM134 SITI-DM134 Datasheet
298Kb / 20P
   16-Bit Constant Current LED Drivers
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
logo
List of Unclassifed Man...
DM141 ETC2-DM141 Datasheet
373Kb / 16P
   8x2-Bit Constant Current LED Drivers
logo
Texas Instruments
TLC5926-Q1 TI1-TLC5926-Q1 Datasheet
786Kb / 27P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI1-TLC5926_15 Datasheet
1Mb / 39P
[Old version datasheet]   16-Channel Constant-Current LED Sink Drivers
TLC5926 TI-TLC5926_10 Datasheet
887Kb / 31P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5926 TI-TLC5926 Datasheet
921Kb / 29P
[Old version datasheet]   16-CHANNEL CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
[Old version datasheet]   8-BIT CONSTANT-CURRENT LED SINK DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com