Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52T410G0M6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST52T410G0M6
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410G0M6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST52T410G0M6 Datasheet HTML 4Page - STMicroelectronics ST52T410G0M6 Datasheet HTML 5Page - STMicroelectronics ST52T410G0M6 Datasheet HTML 6Page - STMicroelectronics ST52T410G0M6 Datasheet HTML 7Page - STMicroelectronics ST52T410G0M6 Datasheet HTML 8Page - STMicroelectronics ST52T410G0M6 Datasheet HTML 9Page - STMicroelectronics ST52T410G0M6 Datasheet HTML 10Page - STMicroelectronics ST52T410G0M6 Datasheet HTML 11Page - STMicroelectronics ST52T410G0M6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
ST52T410/T420/E420
8/84
When this phase starts, the ST52T410/ST52x420
core are set to RESET status; then 12V are applied
to th e V p p pi n i n o r d e r to s t ar t E P R O M
programming. A signal applied to PB1 is used to
increment the memory address; the data is
supplied to PORT A (see EPROM programming for
further details).
1.2.2 Working mode.
Below are the control signals of this mode:
The processor starts the working phase following
the instructions, which have been previously
loaded in the memory.
ST52T410/ST52x420’s internal structure includes
a computational block, CONTROL UNIT (CU) /
DATA PROCESSING UNIT (DPU), which allows
processing of boolean functions and fuzzy
algorithms.
The CU/DPU can manage up to 334 different
Members hip Funct ions f o r t he f u zzy rules
antecedent part. The rule consequents are “crisp”
values (real numbers). The maximum number of
ru les that can be de fined is limited by the
dimens ions of the imple m ented s t andar d
algorithm.
EPROM is then shared between fuzzy and
standard algorithms. The Membership Function
data is stored inside the first 1024 memory
locations. The Fuzzy rules are parts of the program
instructions.
The Control Unit (CU) reads the information and
the status deriving from the peripherals.
Arithmetic calculus can be performed on these
values by using the internal CU and the 128 bytes
of RAM, which supports all computations. The
peripheral input can be fuzzy and/or arithmetic
output, or the values contained in Data RAM and
EPROM locations.
Figure 1.1 ST52x420 SO28 Pin Configuration
RESET
TEST
VPP
VDD
VSS
VSS
RESET
OSCOUT
OSCIN
TEST
INT/PC0
T0OUT/PC1
T1OUT/PC2
T2OUT/PC3
Ain0/PB0
Ain1/PB1
Ain2/PB2
Ain3/PB3
VDDA
GNDA
VDD
VSS
VPP
PA0/T0RES
PA1/T0OUT
PA2/T1OUT
PA3/T2OUT
PA4/T0STRT
PA5/T0CLK
PA6
PA7/PB7/Ain7
PB6/Ain6
PB5/Ain5
PB4/Ain4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SO28


Similar Part No. - ST52T410G0M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52T410G0M6 STMICROELECTRONICS-ST52T410G0M6 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
More results

Similar Description - ST52T410G0M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T430 STMICROELECTRONICS-ST52T430 Datasheet
1Mb / 88P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
ST52F510 STMICROELECTRONICS-ST52F510 Datasheet
1Mb / 106P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
   Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
logo
PADAUK Technology.
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
STMicroelectronics
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
   8-Bit MCU,ADC,LCD Controller
logo
STMicroelectronics
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com