Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL016M10BAI012 Datasheet(PDF) 2 Page - SPANSION

Part # S29AL016M10BAI012
Description  16 MEGABIT (2M X 8 BIT / I M X 16 BIT) 3.0 VOLT ONLY BOOT SECTOR FLASH MEMORY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL016M10BAI012 Datasheet(HTML) 2 Page - SPANSION

  S29AL016M10BAI012 Datasheet HTML 1Page - SPANSION S29AL016M10BAI012 Datasheet HTML 2Page - SPANSION S29AL016M10BAI012 Datasheet HTML 3Page - SPANSION S29AL016M10BAI012 Datasheet HTML 4Page - SPANSION S29AL016M10BAI012 Datasheet HTML 5Page - SPANSION S29AL016M10BAI012 Datasheet HTML 6Page - SPANSION S29AL016M10BAI012 Datasheet HTML 7Page - SPANSION S29AL016M10BAI012 Datasheet HTML 8Page - SPANSION S29AL016M10BAI012 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
3S29AL016M
S29AL016M_00A4 April 21, 2004
General Description
The S29AL016M is a 16 Mbit, 3.0 Volt-only Flash memory organized as 2,097,152
bytes or 1,048,576 words. The device is offered in a 48-ball Fine-pitch BGA, 64-
ball Fortified BGA, and 48-pin TSOP packages. The word-wide data (x16) appears
on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. The device re-
quires only a single 3.0 volt power supply for both read and write functions,
designed to be programmed in-system with the standard system 3.0 volt VCC sup-
ply. The device can also be programmed in standard EPROM programmers.
The device offers access times of 90 and 100 ns. To eliminate bus contention the
device has separate chip enable (CE#), write enable (WE#) and output enable
(OE#) controls.
The device is entirely command set compatible with the JEDEC single-power-
supply Flash standard. Commands are written to the device using standard
microprocessor write timing. Write cycles also internally latch addresses and data
needed for the programming and erase operations.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through command sequences.
Once a program or erase operation has begun, the host system need only poll
the DQ7 (Data# Polling) or DQ6 (toggle) status bits or monitor the Ready/
Busy# (RY/BY#) output to determine whether the operation is complete. To
facilitate programming, an Unlock Bypass mode reduces command sequence
overhead by requiring only two write cycles to program data instead of four.
Hardware data protection measures include a low VCC detector that automati-
cally inhibits write operations during power transitions. The hardware sector
protection feature disables both program and erase operations in any combina-
tion of sectors of memory. This can be achieved in-system or via programming
equipment.
The Erase Suspend/Erase Resume feature allows the host system to pause an
erase operation in a given sector to read or program any other sector and then
complete the erase operation. The Program Suspend/Program Resume fea-
ture enables the host system to pause a program operation in a given sector to
read any other sector and then complete the program operation.
The hardware RESET# pin terminates any operation in progress and resets the
device, after which it is then ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would thus also reset the de-
vice, enabling the host system to read boot-up firmware from the Flash memory
device.
The device reduces power consumption in the standby mode when it detects
specific voltage levels on CE# and RESET#, or when addresses have been stable
for a specified period of time.
The SecSi™ (Secured Silicon) Sector provides a 128-word/256-byte area for
code or data that can be permanently protected. Once this sector is protected, no
further changes within the sector can occur.
MirrorBit flash technology combines years of Flash memory manufacturing expe-
rience to produce the highest levels of quality, reliability and cost effectiveness.
The device electrically erases all bits within a sector simultaneously via hot-hole
assisted erase. The data is programmed using hot electron injection.


Similar Part No. - S29AL016M10BAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL016M10BAI012 SPANSION-S29AL016M10BAI012 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
More results

Similar Description - S29AL016M10BAI012

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D_06 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com