Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U63716DK70G1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U63716DK70G1
Description  CAPSTORE 2K X 8 NVSRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

U63716DK70G1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U63716DK70G1 Datasheet HTML 1Page - List of Unclassifed Manufacturers U63716DK70G1 Datasheet HTML 2Page - List of Unclassifed Manufacturers U63716DK70G1 Datasheet HTML 3Page - List of Unclassifed Manufacturers U63716DK70G1 Datasheet HTML 4Page - List of Unclassifed Manufacturers U63716DK70G1 Datasheet HTML 5Page - List of Unclassifed Manufacturers U63716DK70G1 Datasheet HTML 6Page - List of Unclassifed Manufacturers U63716DK70G1 Datasheet HTML 7Page - List of Unclassifed Manufacturers U63716DK70G1 Datasheet HTML 8Page - List of Unclassifed Manufacturers U63716DK70G1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
April 7, 2005
U63716
CapStore 2K x 8 nvSRAM
Pin Configuration
Pin Description
Signal Name
Signal Description
A0 - A10
Address Inputs
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Power Supply Voltage
VSS
Ground
CMOS non- volatile static RAM
2048 x 8 bits
70 ns Access Time
35 ns Output Enable Access Time
ICC = 15 mA at 200 ns Cycle Time
Unlimited Read and Write Cycles
to SRAM
Automatic STORE to EEPROM
on Power Down using charge
stored in an integrated capacitor
Software initiated STORE
Automatic STORE Timing
106 STORE cycles to EEPROM
100 years data retention in
EEPROM
Automatic RECALL on Power Up
Software RECALL Initiation
Unlimited RECALL cycles from
EEPROM
Single 5 V
± 10 % Operation
Operating temperature range:
0 to 70
°C
-40 to 85
°C
QS 9000 Quality Standard
ESD protection > 2000 V
(MIL STD 883C M3015.7)
RoHS compliance and Pb- free
Package:
PDIP24 (600 mil)
The U63716 has two separate
modes of operation: SRAM mode
and nonvolatile mode. In SRAM
mode, the memory operates as an
ordinary static RAM. In non-volatile
operation, data is transferred in
parallel from SRAM to EEPROM or
from EEPROM to SRAM. In this
mode SRAM functions are disab-
led.
The U63716 is a static RAM with a
non-volatile electrically erasable
PROM (EEPROM) element incor-
porated in each static memory cell.
The SRAM can be read and written
an unlimited number of times, while
independent nonvolatile data resi-
des in EEPROM. Data transfers
from the SRAM to the EEPROM
(the STORE operation) take place
automatically upon power down
using charge stored in an integra-
ted capacitor. Transfers from the
EEPROM
to
the
SRAM
(the
RECALL operation) take place
automatically on power up. The
U63716 combines the ease of use
of an SRAM with nonvolatile data
integrity.
STORE cycles also may be initia-
ted under user control via a soft-
ware sequence.
Once a STORE cycle is initiated,
further input or output are disabled
until the cycle is completed.
Because a sequence of addresses
is used for STORE initiation, it is
important that no other read or
write accesses intervene in the
sequence or the sequence will be
aborted.
RECALL cycles may also be initia-
ted by a software sequence.
Internally, RECALL is a two step
procedure. First, the SRAM data is
cleared and second, the nonvola-
tile information is transferred into
the SRAM cells.
The RECALL operation in no way
alters the data in the EEPROM
cells. The nonvolatile data can be
recalled an unlimited number of
times.
The U63716 is pin compatible with
standard SRAMs and standard bat-
tery backed SRAMs.
Top View
2
A6
A8
23
3
A5
A9
22
1
A7
VCC
24
4
A4
W
21
5
A3
G
20
6
A2
A10
19
10
DQ1
DQ5
15
7
A1
E
18
8
A0
DQ7
17
9
DQ0
DQ6
16
11
DQ2
DQ4
14
12
VSS
DQ3
13
PDIP
24
Features
Description


Similar Part No. - U63716DK70G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U63716DK70G1 SIMTEK-U63716DK70G1 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
More results

Similar Description - U63716DK70G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
U637256 SIMTEK-U637256 Datasheet
253Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
U63764 SIMTEK-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U63764 ETC1-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 ETC1-U637H256 Datasheet
148Kb / 14P
   CapStore 32K x 8 nvSRAM
STK10C48 ETC-STK10C48 Datasheet
106Kb / 9P
   2K X 8 NVSRAM
logo
Simtek Corporation
U631H16 SIMTEK-U631H16 Datasheet
133Kb / 13P
   SimtekSoftStore 2K x 8 nvSRAM
U630H16 SIMTEK-U630H16 Datasheet
152Kb / 15P
   HardStore 2K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com