Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U62256ADK10 Datasheet(PDF) 6 Page - Zentrum Mikroelektronik Dresden AG

Part # U62256ADK10
Description  STANDARD 32K X 8 SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

U62256ADK10 Datasheet(HTML) 6 Page - Zentrum Mikroelektronik Dresden AG

Back Button U62256ADK10 Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG U62256ADK10 Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG U62256ADK10 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG U62256ADK10 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG U62256ADK10 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG U62256ADK10 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG U62256ADK10 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG U62256ADK10 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG U62256ADK10 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
U62256A
April 20, 2004
6
Data Retention Mode
E-Controlled
Data Retention
4.5 V
tDR
trec
VCC
E
VCC(DR) ≥ 2 V
0 V
2.2 V
2.2 V
VCC(DR) - 0.2 V ≤ VE(DR) ≤ VCC(DR) + 0.3 V
Data Retention
Characteristics
Symbol
Alt.
IEC
Conditions
Min.
Typ.
Max.
Unit
Data Retention Supply Voltage
VCC(DR)
25.5
V
Data Retention Supply Current
ICC(DR) VCC(DR) = 3 V
VE
= VCC(DR) - 0.2 V
C-Type
K-Type
A-Type
3
6
30
µA
µA
µA
Data Retention Setup Time
tCDR
tsu(DR)
See Data Retention
Waveforms (above)
0ns
Operating Recovery Time
tR
trec
tcR
ns
Test Configuration for Functional Check
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
VIH
VIL
VSS
VCC
5 V
960
30 pF e
VO
E
W
G
e In measurement of tdis(E), tdis(W), tdis(G), ten(E), ten(W), ten(G) the capacitance is 5 pF.
510


Similar Part No. - U62256ADK10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
More results

Similar Description - U62256ADK10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U62256 ETC-U62256 Datasheet
78Kb / 9P
   STANDARD 32K X 8 SRAM
logo
Austin Semiconductor
MT5C2568 AUSTIN-MT5C2568 Datasheet
149Kb / 16P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568 AUSTIN-AS5C2568 Datasheet
145Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
AS5C2568DJ AUSTIN-AS5C2568DJ Datasheet
267Kb / 9P
   32K x 8 SRAM SRAM MEMORY ARRAY
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
   AUTOMOTIVE FAST 32K X 8 SRAM
logo
GSI Technology
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
logo
STMicroelectronics
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
AMIC Technology
A625308A AMICC-A625308A_15 Datasheet
155Kb / 14P
   32K X 8 BIT CMOS SRAM
A625308 AMICC-A625308 Datasheet
126Kb / 13P
   32K X 8 BIT CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
   CMOS 32K x 8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com