Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78E51C Datasheet(PDF) 3 Page - Winbond

Part # W78E51C
Description  8 bit micocontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78E51C Datasheet(HTML) 3 Page - Winbond

  W78E51C Datasheet HTML 1Page - Winbond W78E51C Datasheet HTML 2Page - Winbond W78E51C Datasheet HTML 3Page - Winbond W78E51C Datasheet HTML 4Page - Winbond W78E51C Datasheet HTML 5Page - Winbond W78E51C Datasheet HTML 6Page - Winbond W78E51C Datasheet HTML 7Page - Winbond W78E51C Datasheet HTML 8Page - Winbond W78E51C Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
W78E51C
Publication Release Date: April 20, 2005
- 3 -
Revision A2
1. GENERAL DESCRIPTION
The W78E51C is an 8-bit microcontroller which can accommodate a wider frequency range with low
power consumption. The instruction set for the W78E51C is fully compatible with the standard 8051.
The W78E51C contains an 4K bytes Flash EPROM; a 128 bytes RAM; four 8-bit bi-directional and bit-
addressable I/O ports; an additional 4-bit I/O port P4; two 16-bit timer/counters; a hardware watchdog
timer and a serial port. These peripherals are supported by seven sources two-level interrupt
capability. To facilitate programming and verification, the Flash EPROM inside the W78E51C allows
the program memory to be programmed and read electronically. Once the code is confirmed, the user
can protect the code for security.
The W78E51C microcontroller has two power reduction modes, idle mode and power-down mode,
both of which are software selectable. The idle mode turns off the processor clock but allows for
continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power
consumption. The external clock can be stopped at any time and in any state without affecting the
processor.
2. FEATURES
• Fully static design 8-bit CMOS microcontroller
• Wide supply voltage of 4.5V to 5.5V
• 128 bytes of on-chip scratchpad RAM
• 4 KB On-chip Flash EPROM
• 64 KB program memory address space
• 64 KB data memory address space
• Four 8-bit bi-directional ports
• One extra 4-bit bit-addressable I/O port, additional INT2 / INT3
(available on 44-pin PLCC/QFP package)
• Two 16-bit timer/counters
• One full duplex serial port(UART)
• Watchdog Timer
• Seven sources, two-level interrupt capability
EMI reduction mode
• Built-in power management
• Code protection mechanism
• Packages:
− DIP 40: W78E51C-40
− PLCC 44: W78E51CP-40
− PQFP 44: W78E51CF-40


Similar Part No. - W78E51C

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51C WINBOND-W78E51C Datasheet
231Kb / 23P
   8-BIT MICROCONTROLLER
W78E51C WINBOND-W78E51C_06 Datasheet
231Kb / 23P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78E51C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87C446N TOSHIBA-TMP87C446N Datasheet
4Mb / 88P
   CMOS 8-BIT MICOCONTROLLER
logo
Infineon Technologies A...
TC290 INFINEON-TC290 Datasheet
19Mb / 476P
   32-Bit Single-Chip Micocontroller
V 1.1, 2015-05
TC212 INFINEON-TC212 Datasheet
2Mb / 191P
   32-Bit Single-Chip Micocontroller
V 1.0, 2017-09
TC270 INFINEON-TC270 Datasheet
3Mb / 279P
   32-Bit Single-Chip Micocontroller DC-Step
V 1.0, 2017-01
logo
Samsung semiconductor
S3C880A SAMSUNG-S3C880A Datasheet
1Mb / 366P
   8-BIT CMOS 8-BIT 8-BIT MICROCONTROLLERS
logo
Motorola, Inc
MC6800 MOTOROLA-MC6800 Datasheet
633Kb / 6P
   8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
logo
Radiometrix Ltd
CTA88 RADIOMETRIX-CTA88 Datasheet
326Kb / 6P
   8 bit Address - 8 bit Data encoder/decoder
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
SONiX Technology Compan...
SNAD01C SONIX-SNAD01C Datasheet
722Kb / 27P
   8-CHANNEL 8-BIT ADC?
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
   8-CHANNEL 8-BIT ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com