Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WT8076 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WT8076
Description  Passive Infrared (PIR) Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT8076 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WT8076 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT8076 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
WT8076
Passive Infrared (PIR) Controller
Version 1.0 25-May-1995
©Weltrend Semiconductor, Inc. All Rights Reserved
1
Weltrend Semiconductor Inc.
2F, No. 24, Industry E. 9
th RD., Science-Based Industrial Park, Hsin-Chu, Taiwan
TEL:886-3-5780241
FAX:886-3-5794278.5770419
eltrend
GENERAL DESCRIPTION
The WT8076 is a PIR controller IC which integrates amplifier, window detector and light control
functions. The light can be controlled by a Relay or Triac with adjustable delay time. A CDS interface is
provided to sense day time and night time. A walk-test fuction helps user while setting up the light set.
The line remote control function can switch the light set between auto mode and always-on mode.
FEATURES
• Adjustable detection range
• Adjustable delay time
• CDS interface to differentiate night time and day time
• Walk-test function
• Line remote control to switch auto mode and always on mode
• Relay or Triac output
• High noise immunity
• Low power consumption ( operating 500uA, standby 130uA, Typ. )
PIN ASSIGNMENT
UOU1
NII1
II1
VREF
GND
TB
TCI
UOU2
NII2
II2
CDS
VDD
ZCD
RELAY
TRIAC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
TB
TCI
TRIAC
RELAY
ZCD
VDD
VREF
II1
NII1
UOU1
UOU2
NII2
II2
CDS
UOU1
NII1
II1
VREF
GND
TB
TCI
UOU2
NII2
II2
CDS
VDD
ZCD
RELAY
TRIAC
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
ND
WK
WT8076N16P1
WT8076S16P1
WT8076N18P2
Ordering Information
PART No.
PACKAGE
WT8076N16P1
16 Pin P-DIP
WT8076S16P1
16 Pin SOIC
WT8076N18P2
18 Pin P-DIP


Similar Part No. - WT8076

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
WT8072H ETC-WT8072H Datasheet
53Kb / 5P
   PIR CONTROLLER
More results

Similar Description - WT8076

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
211Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000DG ONSEMI-NCS36000DG Datasheet
189Kb / 8P
   Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000 ONSEMI-NCS36000_15 Datasheet
147Kb / 8P
   Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
   PIR CONTROLLER
logo
List of Unclassifed Man...
M7612 ETC2-M7612 Datasheet
140Kb / 9P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
   PIR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com