Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8766EDV Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8766EDV
Description  24 BIT 192KHZ 6 CHANNEL DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8766EDV Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8766EDV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8766EDV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8766EDV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8766EDV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8766EDV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8766EDV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8766EDV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8766EDV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8766EDV Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Preliminary Technical Data
WM8766
w
PTD Rev 2.3 February 2004
11
DEVICE DESCRIPTION
INTRODUCTION
WM8766 is a complete 6-channel DAC including digital interpolation and decimation filters and
switched capacitor multi-bit sigma delta DACs with digital volume controls on each channel and
output smoothing filters.
The device is implemented as 3 separate stereo DACs in a single package and controlled by a single
interface.
Each stereo DAC has its own data input DIN1/2/3. DAC word clock LRCLK, DAC bit clock BCLK and
DAC master clock MCLK are shared between them.
The Audio Interface may be configured to operate in either master or slave mode. In Slave mode,
LRCLK and BCLK are all inputs. In Master mode, LRCLK and BCLK are all outputs.
Each DAC has its own digital volume control that is adjustable in 0.5dB steps. The digital volume
controls may be operated independently. In addition, a zero cross detect circuit is provided for each
DAC for the digital volume controls. The digital volume control detects a transition through the zero
point before updating the volume. This minimises audible clicks and ‘zipper’ noise as the gain values
change.
Control of internal functionality of the device is by 3-wire serial or pin programmable control interface.
The software control interface may be asynchronous to the audio data interface as control data will
be re-synchronised to the audio processing internally.
Operation using master clocks of 128fs, 192fs, 256fs, 384fs, 512fs or 768fs is provided for the DAC.
In Slave mode selection between clock rates is automatically controlled. In master mode, the sample
rate is set by control bit DACRATE. Audio sample rates (fs) from less than 8ks/s up to 192ks/s are
allowed for the DAC, provided the appropriate master clock is input.
The audio data interface supports right, left and I
2S interface formats along with a highly flexible DSP
serial port interface.
AUDIO DATA SAMPLING RATES
In a typical digital audio system there is only one central clock source producing a reference clock to
which all audio data processing is synchronised. This clock is often referred to as the audio system’s
Master Clock. The external master system clock can be applied directly through the DAC MCLK input
pin(s) with no software configuration necessary.
The DAC master clock for WM8766 supports audio sampling rates from 128fs to 768fs, where fs is
the audio sampling frequency (LRCLK) typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The
master clock is used to operate the digital filters and the noise shaping circuits.
In Slave mode the WM8766 has a master clock detection circuit that automatically determines the
relationship between the system clock frequency and the sampling rate (to within +/- 32 master
clocks). If there is a greater than 32 clocks error the interface defaults to 768fs mode. The WM8766
is tolerant of phase variations or jitter on the master clock. Table 5 shows the typical master clock
frequency inputs for the WM8766.
The signal processing for the WM8766 typically operates at an oversampling rate of 128fs. The
exception to this is for operation with a 128/192fs system clock, e.g. for 192kHz operation, when the
oversampling rate is 64fs.


Similar Part No. - WM8766EDV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8766 WOLFSON-WM8766 Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Wolfson Microelectronic...
WM8766GEDS/RV WOLFSON-WM8766GEDS/RV Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
WM8766GEDS/V WOLFSON-WM8766GEDS/V Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
More results

Similar Description - WM8766EDV

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8766 CIRRUS-WM8766 Datasheet
375Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Wolfson Microelectronic...
WM8766 WOLFSON-WM8766_05 Datasheet
380Kb / 36P
   24-bit, 192kHz 6-Channel DAC
logo
Asahi Kasei Microsystem...
AK4346 AKM-AK4346 Datasheet
370Kb / 31P
   3.3V 192kHz 24-Bit 6-Channel DAC
logo
List of Unclassifed Man...
CE2746 ETC-CE2746 Datasheet
342Kb / 13P
   6-Channel Audio DAC, 24-bit, 192kHz
logo
Cirrus Logic
WM8768 CIRRUS-WM8768 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
logo
Wolfson Microelectronic...
WM8768 WOLFSON-WM8768 Datasheet
393Kb / 38P
   24-bit, 192kHz 8-Channel DAC
WM8768 WOLFSON-WM8768_10 Datasheet
413Kb / 38P
   24-bit, 192kHz 8-Channel DAC
WM8746 WOLFSON-WM8746_06 Datasheet
398Kb / 32P
   24-bit, 192kHz 6-Channel DAC with Volume Control
WM8522 WOLFSON-WM8522 Datasheet
407Kb / 39P
   24-bit, 192kHz 6-Channel DAC with 1.7Vrms Line Driver
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
   24-bit 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com