Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT80CRH196KD-WWXA Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT80CRH196KD-WWXA
Description  20MHz 16-bit Microcontroller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80CRH196KD-WWXA Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT80CRH196KD-WWXA Datasheet HTML 2Page - Aeroflex Circuit Technology UT80CRH196KD-WWXA Datasheet HTML 3Page - Aeroflex Circuit Technology UT80CRH196KD-WWXA Datasheet HTML 4Page - Aeroflex Circuit Technology UT80CRH196KD-WWXA Datasheet HTML 5Page - Aeroflex Circuit Technology UT80CRH196KD-WWXA Datasheet HTML 6Page - Aeroflex Circuit Technology UT80CRH196KD-WWXA Datasheet HTML 7Page - Aeroflex Circuit Technology UT80CRH196KD-WWXA Datasheet HTML 8Page - Aeroflex Circuit Technology UT80CRH196KD-WWXA Datasheet HTML 9Page - Aeroflex Circuit Technology UT80CRH196KD-WWXA Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Transmit Serial Port Buffer (SBUF (TX))
0000 0000
00
HSO Command Register
(HSO_command)
0000 0000
00
HSO Time Register (HSO_time)
0000 0000 0000 0000
0000
HSI Mode Register (HSI_mode)
1111 1111
FF
PWM2 Control Register (PWM2_CTRL)
0000 0000
00
PWM1 Control Register (PWM1_CTRL)
0000 0000
00
EDAC Control and Status Register
(EDAC_CS)
0000 0000
00
Timer 3 Value Register (TIMER3)
0000 0000 0000 0000
0000
Watchdog Timer Prescaler
(WDT_SCALE)
0000 0000
00
I/O Control Register 3 (IOC3)
1111 0000
F0
Interrupt Priority Register (INT_PRI)
0000 0000
00
PTS Service Register (PTSSRV)
0000 0000 0000 0000
0000
PTS Select Register (PTSSEL)
0000 0000 0000 0000
0000
Timer 2 Capture Register
(T2CAPTURE)
0000 0000 0000 0000
0000
Program Counter (PC)
0010 0000 1000 0000
2080
Chip Configuration Register (CCR)
XX10 1111
XF
Table 8: Special Function Register Reset Values
Internal Register
Binary Reset State
Hexadecimal Reset
Value


Similar Part No. - UT80CRH196KD-WWXA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT80CRH196KDS AEROFLEX-UT80CRH196KDS Datasheet
227Kb / 41P
   UT80CRH196KDS Microcontroller
UT80CRH196KDSWCA AEROFLEX-UT80CRH196KDSWCA Datasheet
227Kb / 41P
   UT80CRH196KDS Microcontroller
UT80CRH196KDSWCC AEROFLEX-UT80CRH196KDSWCC Datasheet
227Kb / 41P
   UT80CRH196KDS Microcontroller
UT80CRH196KDSWCX AEROFLEX-UT80CRH196KDSWCX Datasheet
227Kb / 41P
   UT80CRH196KDS Microcontroller
UT80CRH196KDSWPA AEROFLEX-UT80CRH196KDSWPA Datasheet
227Kb / 41P
   UT80CRH196KDS Microcontroller
More results

Similar Description - UT80CRH196KD-WWXA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTS9513 ETC-CTS9513 Datasheet
236Kb / 28P
   5 Chan 16 bit 20MHz Counter/Timer
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com