Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8391 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8391
Description  xDSL Line Driver 3 V to 12 V with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8391 Datasheet(HTML) 1 Page - Analog Devices

  AD8391 Datasheet HTML 1Page - Analog Devices AD8391 Datasheet HTML 2Page - Analog Devices AD8391 Datasheet HTML 3Page - Analog Devices AD8391 Datasheet HTML 4Page - Analog Devices AD8391 Datasheet HTML 5Page - Analog Devices AD8391 Datasheet HTML 6Page - Analog Devices AD8391 Datasheet HTML 7Page - Analog Devices AD8391 Datasheet HTML 8Page - Analog Devices AD8391 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
AD8391
xDSL Line Driver
3 V to 12 V with Power-Down
PRODUCT DESCRIPTION
The AD8391 consists of two parallel, low cost xDSL line drive
amplifiers capable of driving low distortion signals while running on
both 3 V to 12 V single-supply or equivalent dual-supply rails. It is
primarily intended for use in single-supply xDSL systems where low
power is essential, such as line powered and battery backup systems.
Each amplifier output drives more than 250 mA of current while
maintaining –82 dBc of SFDR at 100 kHz on 12 V, outstanding
performance for any xDSL CPE application.
The AD8391 provides a flexible power-down feature consisting of
a 1-pin digital control line. This allows biasing of the AD8391 to
full power (Logic “1”), Standby (Logic “tri-state” maintains low
amplifier output impedance), and Shutdown (Logic “0” places
amplifier outputs in a high impedance state). PWDN is refer-
enced to –VS.
Fabricated on ADI’s high-speed XFCB process, the high bandwidth
and fast slew rate of the AD8391 keep distortion to a minimum,
while dissipating a minimum of power. The quiescent current of the
AD8391 is low; 19 mA total static current draw. The AD8391
comes in a compact 8-lead SOIC “Thermal Coastline” package, and
operates over the temperature range –40
°C to +85°C.
FREQUENCY – kHz
25
250
137.5
EMPTY BIN
Figure 1. Upstream Transit Spectrum with Empty Bin
at 45 kHz; Line Power = 12.5 dBm into 100
PIN CONFIGURATION
8-Lead SOIC
(Thermal Coastline)
IN2
VMID
–VS
VOUT2
1
2
3
4
IN1
PWDN
+VS
VOUT1
AD8391
VMID
VS
VS
8
7
6
5
FEATURES
Ideal xDSL Line Driver for VoDSL or Low Power
Applications such as USB, PCMCIA, or PCI-Based
Customer Premise Equipment (CPE)
High Output Voltage and Current Drive
340 mA Output Drive Current
Low Power Operation
3 V to 12 V Power Supply Range
1-Pin Logic Controlled Standby, Shutdown
Low Supply Current of 19 mA (Typical)
Low Distortion
–82 dBc SFDR, 12 V p-p into Differential 21
@ 100 kHz
4.5 nV/
√Hz Input Voltage Noise Density, 100 kHz
Out-of-Band SFDR = –72 dBc, 144 kHz to 500 kHz,
ZLINE = 100
, PLINE = 13.5 dBm
High Speed
40 MHz Bandwidth (–3 dB)
375 V/ s Slew Rate
APPLICATIONS
VoDSL Modems
xDSL USB, PCI, PCMCIA Cards
Line Powered or Battery Backup xDSL Modems


Similar Part No. - AD8391

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
More results

Similar Description - AD8391

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8391 AD-AD8391_15 Datasheet
263Kb / 20P
   xDSL Line Driver 3 V to 12 V with Power-Down
REV. A
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Texas Instruments
TLV5614-EP TI-TLV5614-EP_15 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-US QUADRUPLE DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5614 TI-TLV5614 Datasheet
369Kb / 27P
[Old version datasheet]   2.7-V TO 5.5-V 12-BIT 3-mS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1557 INTERSIL-ISL1557_08 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com