Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3166JRU-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3166JRU-REEL7
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166JRU-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3166JRU-REEL7 Datasheet HTML 4Page - Analog Devices ADP3166JRU-REEL7 Datasheet HTML 5Page - Analog Devices ADP3166JRU-REEL7 Datasheet HTML 6Page - Analog Devices ADP3166JRU-REEL7 Datasheet HTML 7Page - Analog Devices ADP3166JRU-REEL7 Datasheet HTML 8Page - Analog Devices ADP3166JRU-REEL7 Datasheet HTML 9Page - Analog Devices ADP3166JRU-REEL7 Datasheet HTML 10Page - Analog Devices ADP3166JRU-REEL7 Datasheet HTML 11Page - Analog Devices ADP3166JRU-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
–8–
ADP3166
This amplifier can be configured several ways depending on the
objectives of the system:
• Output inductor ESR sensing without thermistor for
lowest cost
• Output inductor ESR sensing with thermistor for improved
accuracy with tracking of inductor temperature
• Sense resistors for highest accuracy measurements
The positive input of the CSA is connected to the CSREF pin,
which is connected to the output voltage. The inputs to the
amplifier are summed together through resistors from the sensing
element (such as the switch node side of the output inductors) to
the inverting input, CSSUM. The feedback resistor between
CSCOMP and CSSUM sets the gain of the amplifier, and a filter
capacitor is placed in parallel with this resistor. The gain of the
amplifier is programmable by adjusting the feedback resistor to
set the load line required by the microprocessor. The current
information is then given as the difference of CSREF – CSCOMP.
This difference signal is used internally to offset the VID DAC
for voltage positioning, and as a differential input for the current
limit comparator.
To provide the best accuracy for the sensing of current, the
CSA has been designed to have a low offset input voltage. Also,
the sensing gain is determined by external resistors so that it can
be made extremely accurate.
Active Impedance Control Mode
For controlling the dynamic output voltage droop as a function
of output current, a signal proportional to the total output cur-
rent at the CSCOMP pin can be scaled to be equal to the droop
impedance of the regulator times the output current. This droop
voltage is then used to set the input control voltage to the sys-
tem. The droop voltage is subtracted from the DAC reference
input voltage directly to tell the error amplifier where the output
voltage should be. This differs from previous implementations
and allows enhanced feed-forward response.
Voltage Control Mode
A high gain-bandwidth voltage mode error amplifier is used for
the voltage mode control loop. The control input voltage to the
positive input is set via the VID 5-bit logic code according to
the voltages listed in Table I. This voltage is also offset by the
droop voltage for active positioning of the output voltage as a
function of current, commonly known as active voltage position-
ing. The output of the amplifier is the COMP pin, which sets
the termination voltage for the internal PWM ramps.
The negative input (FB) is tied to the output sense location with
a resistor, RB, and is used for sensing and controlling the output
voltage at this point. A current source from the FB pin flowing
through RB is used for setting the no-load offset voltage from
the VID voltage. The no-load voltage will be positive with respect
to the VID DAC. The main loop compensation is incorporated
in the feedback network between FB and COMP.
Soft Start
The power-on ramp-up time of the output voltage is set with a
capacitor and resistor in parallel from the DELAY pin to ground.
The RC time constant also determines the current limit latch-off
time, as explained in the following section. In UVLO or when
EN is a logic low, the DELAY pin is held at ground. After the
UVLO threshold is reached and EN is a logic high, the DELAY
capacitor is charged up with an internal 20
µA current source.
The output voltage follows the ramping voltage on the DELAY
pin, limiting the inrush current. The soft start time depends on
the value of VID DAC and CDLY, with a secondary effect from
RDLY. Refer to the Applications section for detailed information
on setting CDLY.
When the PWRGD threshold is reached, the soft start cycle is
stopped and the DELAY pin is pulled up to 3 V. This ensures
that the output voltage is at the VID voltage when the PWRGD
signals to the system that the output voltage is good. If EN is
taken low or if VCC drops below UVLO, the DELAY capacitor
is reset to ground to be ready for another soft start cycle.
Current Limit and Short-Circuit Protection
The ADP3166 compares a programmable current limit set point
to the voltage on the output of the current sense amplifier at the
CSCOMP pin. The level of current limit is set with the resistor
from the ILIMIT pin to ground. During normal operation, the
voltage on ILIMIT is 3 V. The current through the external
resistor is internally scaled to give a current limit threshold of
10.4 mV/
µA. If the difference in voltage between CSREF and
CSCOMP drops below the current limit threshold, the internal
current limit amplifier will control the internal COMP voltage
to maintain the average output current at the limit.
After the limit is reached, the 3 V pull-up on the DELAY pin is
disconnected, and the external delay capacitor is discharged
through the external resistor. A comparator monitors the DELAY
voltage and shuts off the controller when the voltage drops
below 1.8 V. The current limit latch-off delay time is therefore
set by the RC time constant discharging from 3 V to 1.8 V. The
Applications section discusses the selection of RDLY based on
the CDLY that has been chosen.
Because the controller continues to cycle the phases during the
latch-off delay time, if the short is removed before the 1.8 V
threshold is reached, the controller will return to normal operation.
The recovery characteristic depends on the state of PWRGD. If
the output voltage is within the PWRGD window, the controller
resumes normal operation. However, if short circuit has caused
the output voltage to drop below the PWRGD threshold, then a
soft start cycle is initiated.
The latch-off function can be reset by either removing and
reapplying VCC to the ADP3166, or by pulling the EN pin low
for a short time. To disable the short-circuit latch-off function,
the external resistor to ground should be left open, and a large
(greater than 1 M
Ω) resistor should be connected from VCC to
DELAY. This prevents the DELAY capacitor from discharging
so the 1.8 V threshold is never reached. The resistor will have
an impact on the soft start time because the current through it
will add to the internal 20
µA current source.
During startup when the output voltage is below 200 mV, a
secondary current limit is active. This is necessary because the
voltage swing of CSCOMP cannot go below ground. This sec-
ondary current limit controls the internal COMP voltage to the
PWM comparators to 2 V. This will limit the voltage drop across
the low-side MOSFETs through the current balance circuitry.


Similar Part No. - ADP3166JRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3160JR AD-ADP3160JR Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
   4-Bit Programmable 2-Phase Synchronous Buck Controller
REV. 0
ADP3161JR AD-ADP3161JR Datasheet
164Kb / 12P
   4-Bit Programmable 2-Phase Synchronous Buck Controller
REV. 0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
More results

Similar Description - ADP3166JRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com