Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCMF1211S Datasheet(PDF) 1 Page - Allied Components International

Part # PCMF1211S
Description  SMD High Current Common Mode Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCMF1211S Datasheet(HTML) 1 Page - Allied Components International

  PCMF1211S Datasheet HTML 1Page - Allied Components International PCMF1211S Datasheet HTML 2Page - Allied Components International PCMF1211S Datasheet HTML 3Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD High Current Common Mode Filter
15
DCR
( Ω)
Allied
Part
Number
Inductance
µ
h)
Tolerance
(%)
Test
Freq.
ALLIED COMPONENTS INTERNATIONAL
www.alliedcomponents.com
RoHS
All specifications subject to change without notice.
Max
ISAT
(A)
Features
• SMD Common Mode Filter
• Low profile
• High Current
• Ideal for pick and place
Electrical
Operating Temp: -40ºC to +105ºC
Min Impedance Range: 80Ω - 2300Ω
Resistance to Soldering Heat
Test Equipment
Physical
Pre-Heat: 150º-180°C, 90±30 Sec
Solder Temp: 245ºC ± 5ºC for 30sec ± 10sec.
Solder Composition: Sn/Ag3.0/Cu0.5
Impedance: HP4291B, Impedance Analyzer
DCR: CH16502
Packaging: 500pcs per reel
Marking: EIA Inductance Code
DCR
(mΩ) MAX
N1=N2
Allied
Part
Number
Impedance (N1=N2)
(Ω)@100MHz
Test
Freq.
MHz
PCMF1211S-800
PCMF1211S-701
PCMF1211S-801
PCMF1211S-102
PCMF1211S-222
PCMF1211S-272
80
500
600
750
2200
2300
REVISED 07/03/2017
Irms Current: HP42841A+HP4284A
949-356-1780
Leakage: CH19073
PCMF1211S
A
B
C
D
E
F
G
12.0±0.50 10.8±0.50 6.40(Max) 7.0(Ref.) 2.70±0.20 2.5±0.20 2.50±0.20
IDC
(A) MAX
Typ.
230
700
800
1000
2500
2700
100
100
100
100
100
100
2.0
6.0
8.0
14.0
35
50
10
8.0
8.0
8.0
1.8
1.5
Min.
• For USB 2.0 IEEE, 394, LVDS Applications
IDC: Current at which the Temperature
rise reaches 40°C
Recommended Land pattern
Reflow Solder Profile
Insulation
Resistance
(MΩ) Min
Rated Volt.
(V) MAX
10
10
10
10
10
10
125
125
125
125
125
125
Dimensions: (mm)
Schematic:
H(mm)
2.70 Ref. 2.90 Ref. 2.30 Ref.
6.80 Ref.
I(mm)
J(mm)
K(mm)


Similar Part No. - PCMF1211S

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PCMF1HDMI14S NEXPERIA-PCMF1HDMI14S Datasheet
2Mb / 17P
   Common-mode EMI filter for differential channels with integrated ESD protection
PCMF1HDMI14S NEXPERIA-PCMF1HDMI14S Datasheet
2Mb / 17P
   Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 1 - 15 September 2016
PCMF1HDMI2BA-C NEXPERIA-PCMF1HDMI2BA-C Datasheet
4Mb / 17P
   Common-mode EMI filter for differential channels with integrated bidirectional ESD protection
Rev. 3 - 20 May 2020
logo
NXP Semiconductors
PCMF1HDMI2S NXP-PCMF1HDMI2S Datasheet
1Mb / 20P
   Common-mode EMI filter for differential channels with integrated ESD protection
Rev. 2-19 April 2016
logo
Nexperia B.V. All right...
PCMF1HDMI2S NEXPERIA-PCMF1HDMI2S Datasheet
2Mb / 20P
   Common-mode EMI filter for differential channels with integrated ESD protection
More results

Similar Description - PCMF1211S

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCMF9070S ALLIED-PCMF9070S Datasheet
1Mb / 2P
   SMD High Current Common Mode Filter
PCMF7060S ALLIED-PCMF7060S Datasheet
1Mb / 2P
   SMD High Current Common Mode Filter
CMF0906-472 ALLIED-CMF0906-472 Datasheet
1Mb / 1P
   SMD Common Mode Filter
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
   SMD Wirewound Common Mode Filter
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
   SMD Wirewound Common Mode Filter
SCM30S ALLIED-SCM30S Datasheet
1Mb / 1P
   SMD Wirewound Common Mode Filter
logo
XFMRS Inc.
XF2506-CMC12 XFMRS-XF2506-CMC12 Datasheet
262Kb / 2P
   COMMON MODE SMD LINE FILTER
logo
List of Unclassifed Man...
CMF ETC2-CMF Datasheet
232Kb / 4P
   SMD Multilayer Common Mode Filter
logo
Vishay Siliconix
ICM-2824 VISHAY-ICM-2824 Datasheet
78Kb / 2P
   High Current Common Mode Choke
Revision: 05-Dec-11
logo
Wurth Elektronik GmbH &...
744235101 WURTH-744235101 Datasheet
1Mb / 6P
   WE-CNSW SMD Common Mode Line Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com