Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1474S Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1474S
Description  High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1474S Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1474S Datasheet HTML 1Page - Monolithic Power Systems MP1474S Datasheet HTML 2Page - Monolithic Power Systems MP1474S Datasheet HTML 3Page - Monolithic Power Systems MP1474S Datasheet HTML 4Page - Monolithic Power Systems MP1474S Datasheet HTML 5Page - Monolithic Power Systems MP1474S Datasheet HTML 6Page - Monolithic Power Systems MP1474S Datasheet HTML 7Page - Monolithic Power Systems MP1474S Datasheet HTML 8Page - Monolithic Power Systems MP1474S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP1474S – HIGH-EFFICIENCY, 2A, 16V, 500kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP1474S Rev.1.0
www.MonolithicPower.com
4
1/8/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C, unless otherwise noted. Typical value is tested at TJ=+25°C
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
2
μA
Supply Current (Quiescent)
Iq
VEN = 2V, VFB = 1V
0.5
1
mA
HS Switch-On Resistance
HSRDS-ON VBST-SW=5V
150
mΩ
LS Switch-On Resistance
LSRDS-ON VCC =5V
70
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW =12V or 0V
1
μA
Current Limit
(6)
ILIMIT
Under 40% Duty Cycle
3
A
Oscillator Frequency
fSW
VFB=0.75V
TJ=+25°C
410
500
630
kHz
TJ=-40°C to +125°C
350
650
kHz
Foldback Frequency
fFB
VFB<400mV
0.5
fSW
Maximum Duty Cycle
DMAX
VFB=700mV
90
95
%
Minimum On Time
(6)
TON-MIN
40
ns
Sync Frequency Range
fSYNC
0.3
2
MHz
Feedback Voltage
VFB
TJ =25°C
791
807
823
mV
-40°C<TJ<+125°C
(7)
787
807
827
Feedback Current
IFB
VFB=830mV
10
50
nA
EN Rising Threshold
VEN-RISING
1
1.4
1.75
V
EN Falling Threshold
VEN-FALLING
0.9
1.25
1.6
V
EN Input Current
IEN
VEN=2V
2
μA
VEN=0
0
μA
EN Turn-Off Delay
ENtd-off
8
μs
Power-Good Rising Threshold
PGvth-Hi
0.9
VFB
Power-Good Falling Threshold
PGvth-Lo
0.85
VFB
Power-Good Delay
PGTd
0.6
ms
Power-Good Sink-Current
Capability
VPG
Sink 2mA
0.4
V
Power-Good Leakage Current
IPG-LEAK
1
μA
VIN Under-Voltage Lockout
Threshold—Rising
INUVVth
3.6
3.9
4.3
V
VIN Under-Voltage Lockout
Threshold—Hysteresis
INUVHYS
700
mV
VCC Regulator
VCC
5
V
VCC Load Regulation
ICC=5mA
2
%
Soft-Start Period
TSS
Vo from 10% to 90%
1.2
ms
Thermal Shutdown
(6)
TSD
150
°C
Thermal Hysteresis
(6)
TSD HYS
20
°C
Notes:
6) Guaranteed by design.
7) Not tested in production; guaranteed by over-temperature correlation.


Similar Part No. - MP1474S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474DJ MPS-MP1474DJ Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Similar Description - MP1474S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474 MPS-MP1474 Datasheet
462Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com