Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1497S Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1497S
Description  High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1497S Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1497S Datasheet HTML 7Page - Monolithic Power Systems MP1497S Datasheet HTML 8Page - Monolithic Power Systems MP1497S Datasheet HTML 9Page - Monolithic Power Systems MP1497S Datasheet HTML 10Page - Monolithic Power Systems MP1497S Datasheet HTML 11Page - Monolithic Power Systems MP1497S Datasheet HTML 12Page - Monolithic Power Systems MP1497S Datasheet HTML 13Page - Monolithic Power Systems MP1497S Datasheet HTML 14Page - Monolithic Power Systems MP1497S Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP1497S – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1497S Rev. 1.01
www.MonolithicPower.com
12
9/7/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
voltage ripple low. The output voltage ripple can
be estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance of the output
capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency. The capacitance also causes the
majority of the output voltage ripple. For
simplification, estimate the output voltage ripple
with:
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2

 

 

For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated to:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP1497S can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator, given the following
conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, connect an external BST diode
from the VCC pin to BST pin, as shown in
Figure 5.
SW
BST
MP1497S
C
L
BST
COUT
External BST Diode
VCC
IN4148
Figure 5: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST capacitor is 0.1µF to 1μF.
PC Board Layout (9)
PCB layout is very important to achieve stable
operation especially for VCC capacitor and
input capacitor placement. For best results,
follow these guidelines:
1) Use large ground plane directly connect to
GND pin. Add vias near the GND pin if bottom
layer is ground plane.
2) Place the VCC capacitor to VCC pin and
GND pin as close as possible. Make the trace
length of VCC pin-VCC capacitor anode-VCC
capacitor cathode-chip GND pin as short as
possible.
3) Place the ceramic input capacitor close to IN
and GND pins. Keep the connection of input
capacitor and IN pin as short and wide as
possible.
4) Route SW, BST away from sensitive analog
areas such as FB. It’s not recommended to
route SW, BST trace under chip’s bottom side.
5) Place the T-type feedback resistor R9 close
to chip to ensure the trace which connects to
FB pin as short as possible
Notes:
9) The recommended layout is based on the Figure 6 Typical
Application circuit on the next page.


Similar Part No. - MP1497S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497DJ MPS-MP1497DJ Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results

Similar Description - MP1497S

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com